Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M482 Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 17Page - Nuvoton Technology Corporation M482 Datasheet HTML 18Page - Nuvoton Technology Corporation M482 Datasheet HTML 19Page - Nuvoton Technology Corporation M482 Datasheet HTML 20Page - Nuvoton Technology Corporation M482 Datasheet HTML 21Page - Nuvoton Technology Corporation M482 Datasheet HTML 22Page - Nuvoton Technology Corporation M482 Datasheet HTML 23Page - Nuvoton Technology Corporation M482 Datasheet HTML 24Page - Nuvoton Technology Corporation M482 Datasheet HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 401 page
background image
Mar 30, 2018
Page 21 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
USB 2.0 Full Speed with
on-chip transceiver
USB 2.0 Full Speed OTG (On-The-Go)
On-chip USB 2.0 full speed OTG transceiver.
Compliant with USB OTG Supplement 2.0
Configurable as host-only, device-only or ID-dependent
USB 2.0 Full Speed Host Controller
Compliant with USB Revision 1.1 Specification.
Compatible with OHCI (Open Host Controller Interface) Revision
1.0.
Supports full-speed (12Mbps) and low-speed (1.5Mbps) USB
devices.
Supports Control, Bulk, Interrupt, Isochronous and Split transfers.
Integrated a port routing logic to route full/low speed device to OHCI
controller.
Supports an integrated Root Hub.
Supports port power control and port over current detection.
Built-in DMA.
USB 2.0 Full Speed Device Controller
Compliant with USB Revision 2.0 Specification.
Supports suspend function when no bus activity existing for 3 ms.
12 configurable endpoints for configurable Isochronous, Bulk,
Interrupt and Control transfer types.
1024 bytes configurable RAM for endpoint buffer.
Remote wake-up capability.
USB 2.0 High Speed with
on-chip transceiver
USB 2.0 High Speed OTG (On-The-Go)
On-chip USB 2.0 high speed OTG transceiver.
Compliant with USB OTG Supplement 2.0.
Configurable as host-only, device-only or ID-dependent.
USB 2.0 High Speed Host Controller
Compliant with USB Revision 2.0 Specification.
Compatible with EHCI (Enhanced Host Controller Interface)
Revision 1.0.
Compatible with OHCI (Open Host Controller Interface) Revision
1.0.
Supports high-speed (480Mbps), full-speed (12Mbps) and low-
speed (1.5Mbps) USB devices.
Integrated a port routing logic to route full/low speed device to OHCI
controller.
Supports an integrated Root Hub.
Built-in DMA.
USB 2.0 High Speed Device Controller
Compliant with USB Revision 2.0 Specification.
Supports one dedicate control endpoint and 12 configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com