Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M482 Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # M482
Description  32-bit ARM짰 Cortex짰-M4F Microcontroller
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M482 Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button M482 Datasheet HTML 16Page - Nuvoton Technology Corporation M482 Datasheet HTML 17Page - Nuvoton Technology Corporation M482 Datasheet HTML 18Page - Nuvoton Technology Corporation M482 Datasheet HTML 19Page - Nuvoton Technology Corporation M482 Datasheet HTML 20Page - Nuvoton Technology Corporation M482 Datasheet HTML 21Page - Nuvoton Technology Corporation M482 Datasheet HTML 22Page - Nuvoton Technology Corporation M482 Datasheet HTML 23Page - Nuvoton Technology Corporation M482 Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 401 page
background image
Mar 30, 2018
Page 20 of 401
Rev 1.00
NuMicro
® M480
32-bit ARM
®
Cortex
®
-M4F Microcontrolle
r
Supports 50 MHz to achieve 200 Mbps at 3.3V operation.
Supports dedicated DMA master with Scatter-Gather function to
accelerate the data transfer between system memory and
SD/SDHC/SDIO card.
External Bus Interface
(EBI)
Supports up to three memory banks with individual adjustment of
timing parameter.
Each bank supports dedicated external chip select pin with polarity
control and up to 1 MB addressing space.
8-/16-bit data width.
Supports byte write in 16-bit data width mode.
Configurable idle cycle for different access condition: Idle of Write
command finish (W2X) and Idle of Read-to-Read (R2R).
Supports Address/Data multiplexed mode.
Supports address bus and data bus separate mode.
Supports LCD interface i80 mode.
PDMA operation.
GPIO
Supports three I/O modes: Push-Pull output, Open-Drain output and
Input only with high impendence mode.
Selectable TTL/Schmitt trigger input.
Configured as interrupt source with edge/level trigger setting.
Supports independent pull-up/pull-down control.
Supports high driver and high sink current I/O.
Supports software selectable slew rate control.
Supports 5V-tolerance function except analog I/O.
Control Interfaces
Quadrature Encoder
Interface (QEI)
Two QEI phase inputs (QEI_A, QEI_B) and one Index input
(QEI_INDEX).
Supports 2/4 times free-counting mode and 2/4 compare-counting
mode.
Supports encoder pulse width measurement mode with ECAP.
Enhanced Capture (ECAP)
Input Capture Timer/Counter
Supports three input channels with independent capture counter
hold register.
24-bit Input Capture up-counting timer/counter supports captured
events reset and/or reload capture counter.
Supports rising edge, falling edge and both edge detector options
with noise filter in front of input ports.
Supports compare-match function.
Advanced Connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com