Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER22A Datasheet(PDF) 6 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER22A
Description  AC / DC PWM power switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER22A Datasheet(HTML) 6 Page - Linkage Goston Electronics Co., LTD

  LKVIPER22A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
- 6 -
如果将 FB 脚对地短接,此时 IFB 的电流等于:
1
R
V
23
0
-
=
I
FB
.
再将上式合并,最终得到 IDLIM:
)
(
.
2
R
1
+
1
R
1
•
V
23
0
•
G
=
I
ID
DLIM
然而在实际应用中,FB 脚是上拉的方式接入到 VDD,不可能对地短路。当系统启动或者短路时,此时 FB
脚的电压比较接近于 0V,通过内部高压 MOS 管漏极电流则为最大值 IDLIM。
FB
D
ID
I
Δ
I
Δ
=
G
1
R
V
23
0
-
=
I
FB
.
从上图可以看出,IFB 电流大,ID 的电流就小;IFB 电流小,ID 的电流就大。当 IFB 的电流大于 IFBSD 时,
芯片会关闭 PWM,此时的 ID 的值大约为 85mA,同时芯片会自动进入突发模式。这对于系统工作在空载或者轻
载至关重要。
过压保护
当芯片 VDD 的电压超过 VDDOVP 时,会触发内部复位信号,导致系统重新启动。
注:如需最新资料或技术支持,请与我们联系
AC/DC PWM 功率开关 v1.6
LK VIPer22A
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com