Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LKVIPER22A Datasheet(PDF) 7 Page - Linkage Goston Electronics Co., LTD

Part # LKVIPER22A
Description  AC / DC PWM power switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

LKVIPER22A Datasheet(HTML) 7 Page - Linkage Goston Electronics Co., LTD

  LKVIPER22A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 7Page - Linkage Goston Electronics Co., LTD LKVIPER22A Datasheet HTML 8Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
- 7 -
12V/0.8A 反激电源应用方案
原理图:
BOM 清单:
CX1
X 电容
C8
104
R1
100K/1W
R8
5.1K
C1
10uF/400V
D1、D2
IN4007
R2
9.1K
U1
C2
15uF/400V
D3、D4
IN4007
R3
100Ω
U2
光耦
C3
102/1KV
D5、D6
FR107
R4
270
U3
TL431
C4
103
D7
SR3100
R5
1K
F1
1A/250V
C5
10uF/50V
LT
UU9.8
R6
47K
Y1
222/250V
C6、C7
470uF/35V
L1
3uH
R7
33K
RT1
5D-9
变压器参数:
注:如需最新资料或技术支持,请与我们联系
AC/DC PWM 功率开关 v1.6
LK VIPer22A
LK VIPer22A
LK VIPer22A
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com