Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7552BGS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7552BGS
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552BGS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7552BGS Datasheet HTML 1Page - Leadtrend Technology LD7552BGS Datasheet HTML 2Page - Leadtrend Technology LD7552BGS Datasheet HTML 3Page - Leadtrend Technology LD7552BGS Datasheet HTML 4Page - Leadtrend Technology LD7552BGS Datasheet HTML 5Page - Leadtrend Technology LD7552BGS Datasheet HTML 6Page - Leadtrend Technology LD7552BGS Datasheet HTML 7Page - Leadtrend Technology LD7552BGS Datasheet HTML 8Page - Leadtrend Technology LD7552BGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LD7552B
2
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
Pin Configuration
SOP-8 & DIP-8 (TOP VIEW)
YY: Year code (D: 2004, E: 2005…..)
WW: week code
PP: production code
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
Ordering Information
Part number
Package
TOP MARK
Shipping
LD7552B PS
SOP-8
PB Free
LD7552BPS
2500 /tape & reel
LD7552B GS
SOP-8
Green Package
LD7552BGS
2500 /tape & reel
LD7552B PN
DIP-8
PB Free
LD7552BPN
3600 /tube /carton
The LD7552B is ROHS Compliant/ Green Package.
Pin Descriptions
PIN
NAME
FUNCTION
1
GND
Ground
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X), By connecting a
photo-coupler to close the control loop and achieve the regulation.
3
VCC
Supply voltage pin
4
RT
This pin is to program the switching frequency.
By connecting a resistor to ground
to set the switching frequency.
5
NC
Unconnected pin
6
CS
Current sense pin, connect to sense the MOSFET current
7
VCC
Supply voltage pin
8
OUT
Gate drive output to drive the external MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com