Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7552BGS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7552BGS
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552BGS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7552BGS Datasheet HTML 4Page - Leadtrend Technology LD7552BGS Datasheet HTML 5Page - Leadtrend Technology LD7552BGS Datasheet HTML 6Page - Leadtrend Technology LD7552BGS Datasheet HTML 7Page - Leadtrend Technology LD7552BGS Datasheet HTML 8Page - Leadtrend Technology LD7552BGS Datasheet HTML 9Page - Leadtrend Technology LD7552BGS Datasheet HTML 10Page - Leadtrend Technology LD7552BGS Datasheet HTML 11Page - Leadtrend Technology LD7552BGS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LD7552B
8
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
Application Information
Operation Overview
The LD7552B meet the green-power requirement and are
intended for the use in those modern switching power
suppliers and adaptors that demand higher power efficiency
and power-saving. They integrated more functions to reduce
the external component counts and the size. Their major
features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage on the VCC pin. It would assure the supply voltage
enough to turn on the LD7552B PWM controller and further
to drive the power MOSFET.
As shown in Fig. 13, a
hysteresis is built in to prevent the shutdown from the
voltage dip during startup.
The turn-on and turn-off
threshold level are set at 16.0V and 10.0V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 13
Startup Current and Startup Circuit
The typical startup circuit to generate the LD7552B Vcc is
shown in Fig. 14.
During the startup transient, the Vcc is
lower than the UVLO threshold thus there is no gate pulse
produced
from
LD7552B
to
drive
power
MOSFET.
Therefore, the current through R1 will provide the startup
current and to charge the capacitor C1.
Whenever the Vcc
voltage is high enough to turn on the LD7552B and further
to deliver the gate drive signal, the supply current is
provided from the auxiliary winding of the transformer.
Lower startup current requirement on the PWM controller
will help to increase the value of R1 and then reduce the
power consumption on R1. By using CMOS process and the
special circuit design, the maximum startup current of
LD7552B is only 20
μA.
If a higher resistance value of the R1 is chosen, it usually
takes more time to start up. To carefully select the value of
R1 and C1 will optimize the power consumption and startup
time.
Fig. 14
Current Sensing and Leading-edge Blanking
The typical current mode of PWM controller feedbacks both
current signal and voltage signal to close the control loop
and achieve regulation. As shown in Fig. 15, the LD7552B
detect the primary MOSFET current from the CS pin, which
is not only for the peak current mode control but also for the
pulse-by-pulse
current
limit.
The
maximum
voltage
threshold of the current sensing pin is set at 0.85V. From
above, the MOSFET peak current can be obtained from
below.
S
)
MAX
(
PEAK
R
V
85
.
0
I
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com