Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7552BGS Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7552BGS
Description  Green-Mode PWM Controller with Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7552BGS Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7552BGS Datasheet HTML 1Page - Leadtrend Technology LD7552BGS Datasheet HTML 2Page - Leadtrend Technology LD7552BGS Datasheet HTML 3Page - Leadtrend Technology LD7552BGS Datasheet HTML 4Page - Leadtrend Technology LD7552BGS Datasheet HTML 5Page - Leadtrend Technology LD7552BGS Datasheet HTML 6Page - Leadtrend Technology LD7552BGS Datasheet HTML 7Page - Leadtrend Technology LD7552BGS Datasheet HTML 8Page - Leadtrend Technology LD7552BGS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LD7552B
4
Leadtrend Technology Corporation
LD7552B-DS-01a January 2008
Absolute Maximum Ratings
Supply Voltage VCC
30V
COMP, RT, CS
-0.3 ~7V
Junction Temperature
150
°C
Operating Ambient Temperature
-40
°C to 85°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOP-8)
160
°C/W
Package Thermal Resistance (DIP-8)
100
°C/W
Power Dissipation (SOP-8, at Ambient Temperature = 85
°C)
400mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Model
3KV
ESD Voltage Protection, Machine Model
300V
Gate Output Current
500mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com