Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 38Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 39Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 40Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 41Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 42Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 43Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 44Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 45Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 42 of 64
Pin Configurations[20] (continued)
400-Ball Fine-Pitch BGA (BB400)
Top View
A
GND
GND
NC
I/O17
I/O16
I/O14
I/O29
VCC
I/O11
GND
GND
I/O257
VCC
I/O239 I/O233 I/O232 I/O230
NC
GND
GND
B
GND
GND
GND
NC
I/O15
I/O13
I/O28
VCC
I/O10
GND
GND
I/O256
VCC
I/O238 I/O231 I/O229
NC
GND
GND
GND
C
NC
GND
GND
GND
I/O20
I/O12
I/O27
VCC
I/O9
GND
GND
I/O255
VCC
I/O237 I/O228 I/O245
GND
GND
GND
NC
D
I/O44
NC
GND
I/O21
I/O19
I/O18
I/O26
I/O25
I/O8
GND
GND
I/O254 I/O235 I/O236 I/O251 I/O244 I/O243
GND
NC
I/O227
E
I/O46
I/O43
I/O23
I/O22
NC
I/O35
I/O34
I/O24
I/O7
I/O4
I/O263 I/O253 I/O234 I/O250 I/O248
NC
I/O241 I/O242 I/O225 I/O226
F
I/O47
I/O45
I/O42
I/O41
I/O40
NC
I/O33
I/O32
I/O6
I/O3
I/O262 I/O252 I/O249 I/O247 I/O220 I/O221 I/O240 I/O222 I/O223 I/O224
G
I/O53
I/O52
I/O51
I/O50
I/O39
I/O38
I/O37
I/O31
I/O5
I/O2
I/O261
VCC
I/O246 I/O217 I/O218 I/O219 I/O212 I/O213 I/O214 I/O215
HVCC
VCC
VCC
I/O49
I/O48
I/O36
TCK
VCC
I/O30
I/O1
I/O259 I/O260
VCC
TDI
I/O216 I/O210 I/O211
VCC
VCC
VCC
J
I/O59
I/O58
I/O57
I/O56
I/O55
I/O54
VCC
I/O62
I/O60
I/O0
I/O258 I/O202 I/O203
CLK3
/I4
I/O204 I/O205 I/O206 I/O207 I/O208 I/O209
K
GND
GND
GND
GND
I/O65
I/O64
CLK0
/I0
I/O63
I/O61
GND
GND
I/O198 I/O199
CLK2
/I3
I/O200 I/O201
GNDGND
GNDGND
L
GND
GND
GND
GND
I/O69
I/O68
NC
I/O67
I/O66
GND
GND
I/O193 I/O195
I2
I/O196 I/O197
GNDGND
GNDGND
M
I/O89
I/O88
I/O87
I/O86
I/O85
I/O84
CLK1
/I1
I/O71
I/O70
I/O126 I/O132 I/O192 I/O194
VCC
I/O174 I/O175 I/O176 I/O177 I/O178 I/O179
NVCC
VCC
VCC
I/O91
I/O90
I/O72
TMS
VCC
I/O128 I/O127 I/O133 I/O162
VCC
TDO
I/O180 I/O168 I/O169
VCC
VCC
VCC
P
I/O95
I/O94
I/O93
I/O92
I/O75
I/O74
I/O73
I/O114
VCC
I/O129 I/O134 I/O137 I/O163 I/O181 I/O182 I/O183 I/O170 I/O171 I/O172 I/O173
R
I/O80
I/O79
I/O78
I/O108
I/O77
I/O76
I/O115 I/O117 I/O120 I/O130 I/O135 I/O138 I/O164 I/O165
NC
I/O184 I/O185 I/O186 I/O189 I/O191
T
I/O82
I/O81
I/O110 I/O109
NC
I/O116 I/O118 I/O102 I/O121 I/O131 I/O136 I/O139 I/O156 I/O166 I/O167
NC
I/O154 I/O155 I/O187 I/O190
U
I/O83
NC
GND
I/O111 I/O112 I/O119 I/O104 I/O103 I/O122
GND
GND
I/O140 I/O157 I/O158 I/O150 I/O151 I/O153
GND
NC
I/O188
V
NC
GND
GND
GND
I/O113
I/O96
I/O105
VCC
I/O123
GND
GND
I/O141
VCC
I/O159 I/O14
4
I/O152
GND
GND
GND
NC
W
GND
GND
GND
NC
I/O97
I/O99
I/O106
VCC
I/O124
GND
GND
I/O142
VCC
I/O160 I/O145 I/O147
NC
GND
GND
GND
Y
GND
GND
NC
I/O98
I/O100 I/O101 I/O107
VCC
I/O125
GND
GND
I/O143
VCC
I/O161 I/O146 I/O148 I/O149
NC
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com