Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 22Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 23Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 20 of 64
tRO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
tPW
8
8
8
8
10
12
15
20
ns
tPR
[13]
10
10
10
10
12
14
17
22
ns
tPO
[13, 14, 15]
12
13
13
14
15
18
21
26
ns
User Option Parameters
tLP
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
ns
tSLEW
33
3
3
3
3
3
3
ns
t3.3IO
[19]
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
ns
JTAG Timing Parameters
tS JTAG
0
00
0
00
0
0
ns
tH JTAG
20
20
20
20
20
20
20
20
ns
tCO JTAG
20
20
20
20
20
20
20
20
ns
fJTAG
20
20
20
20
20
20
20
20
MHz
Switching Characteristics Over the Operating Range (continued)[12]
Parameter
200 MHz
167 MHz
154 MHz
143 MHz
125 MHz
100 MHz
83 MHz
66 MHz
Unit
Switching Waveforms
Note:
19. Only applicable to the 5V devices.
tPD
INPUT
COMBINATORIAL
OUTPUT
Combinatorial Output
Registered Output with Synchronous Clocking
tS
INPUT
SYNCHRONOUS
tCO
REGISTERED
OUTPUT
tH
SYNCHRONOUS
tWL
tWH
tCO2
REGISTERED
OUTPUT
CLOCK
CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com