Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY37032P44-125JC Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY37032P44-125JC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032P44-125JC Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY37032P44-125JC Datasheet HTML 13Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 14Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 15Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 16Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 17Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 18Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 19Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 20Page - Cypress Semiconductor CY37032P44-125JC Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 17 of 64
Parameter[11]
VX
Output Waveform—Measurement Level
tER(–)
1.5V
tER(+)
2.6V
tEA(+)
1.5V
tEA(–)
Vthe
(d) Test Waveforms
VOH
VX
0.5V
VOL
VX
0.5V
VX
VOH
0.5V
VX
VOL
0.5V
Switching Characteristics Over the Operating Range [12]
Parameter
Description
Unit
Combinatorial Mode Parameters
tPD
[13, 14, 15]
Input to Combinatorial Output
ns
tPDL
[13, 14, 15]
Input to Output Through Transparent Input or Output Latch
ns
tPDLL
[13, 14, 15]
Input to Output Through Transparent Input and Output Latches
ns
tEA
[13, 14, 15]
Input to Output Enable
ns
tER
[11, 13]
Input to Output Disable
ns
Input Register Parameters
tWL
Clock or Latch Enable Input LOW Time[8]
ns
tWH
Clock or Latch Enable Input HIGH Time[8]
ns
tIS
Input Register or Latch Set-up Time
ns
tIH
Input Register or Latch Hold Time
ns
tICO
[13, 14, 15]
Input Register Clock or Latch Enable to Combinatorial Output
ns
tICOL
[13, 14, 15]
Input Register Clock or Latch Enable to Output Through Transparent Output Latch
ns
Synchronous Clocking Parameters
tCO
[14, 15]
Synchronous Clock (CLK0, CLK1, CLK2, or CLK3) or Latch Enable to Output
ns
tS
[13]
Set-Up Time from Input to Sync. Clk (CLK0, CLK1, CLK2, or CLK3) or Latch Enable
ns
tH
Register or Latch Data Hold Time
ns
tCO2
[13, 14, 15]
Output Synchronous Clock (CLK0, CLK1, CLK2, or CLK3) or Latch Enable to Combinatorial Output
Delay (Through Logic Array)
ns
tSCS
[13]
Output Synchronous Clock (CLK0, CLK1, CLK2, or CLK3) or Latch Enable to Output Synchronous
Clock (CLK0, CLK1, CLK2, or CLK3) or Latch Enable (Through Logic Array)
ns
tSL
[13]
Set-Up Time from Input Through Transparent Latch to Output Register Synchronous Clock (CLK0
CLK1, CLK2, or CLK3) or Latch Enable
ns
tHL
Hold Time for Input Through Transparent Latch from Output Register Synchronous Clock (CLK0,
CLK1, CLK2, or CLK3) or Latch Enable
ns
Notes:
11. tER measured with 5-pF AC Test Load and tEA measured with 35-pF AC Test Load.
12. All AC parameters are measured with two outputs switching and 35-pF AC Test Load.
13. Logic Blocks operating in Low-Power Mode, add tLP to this spec.
14. Outputs using Slow Output Slew Rate, add tSLEW to this spec.
15. When VCCO = 3.3V, add t3.3IO to this spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com