Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRX2FS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SCRX2FS
Description  SCTX2B/RX2FS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCRX2FS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SCRX2FS Datasheet HTML 1Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 2Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 3Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 4Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 5Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TEL:0755-28156709 28189719 FAX:0755-28189719
E-MAIL:sz-long@21cn.com
www.jdcpu.com
SCTX2B/RX2FS
5 功能遥控 IC
第
5 页 共 6 页
九、 线路图
1、发射
R1/210K
CRYSTAL
R5/10K
L1/1UH
L3/10.5T
C1 /104
C2/0.01u
C5/82P
C6/18p
C9/0.1U
BATTERY/9V
Z1
SCTX2B
1
14
2
3
4
5
6
78
9
10
11
12
13
27M
1815Y
8550D
PNP
4.7K
0.0047u
0.1u
33p
2.2k
L
1K
18p
4.7k
10k
1uh
56p
1k
D?
LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com