Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRX2FS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SCRX2FS
Description  SCTX2B/RX2FS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCRX2FS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SCRX2FS Datasheet HTML 1Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 2Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 3Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 4Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 5Page - List of Unclassifed Manufacturers SCRX2FS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TEL:0755-28156709 28189719 FAX:0755-28189719
E-MAIL:sz-long@21cn.com
www.jdcpu.com
SCTX2B/RX2FS
5 功能遥控 IC
第
6 页 共 6 页
2、接收
S1
VO2
VI2
VO1
VI1 GND OSC0 OSC1
RIGHT
LEFT
RDB
LDB
BACK
FOR
IC:SCRX2FS
VDD
ANT
10P
*56P
*1.0UH
2.2K
6.8uH
62K
2SC1623
4.7U
270
332
103
2.2K
4.7M
470P
2.2K
4.7M
2.2K
102
*56P
220K
1K
1K
ISS106
100UH
100UF
8550
8050
8050
8050
8050
8550
100R
100R
VDD/1.5V
OSL1
OSL2 1.5V
1.5V
M1-1 M1-2
104
104
1K
1K
100K
103
100U
LX
301



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com