Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER25A Datasheet(PDF) 1 Page - Linkage Goston Electronics Co., LTD

Part # VIPER25A
Description  MOS Circuit VIPER 25 A High Accuracy Original Feedback
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKAGE [Linkage Goston Electronics Co., LTD]
Direct Link  http://www.linkage.cn/
Logo LINKAGE - Linkage Goston Electronics Co., LTD

VIPER25A Datasheet(HTML) 1 Page - Linkage Goston Electronics Co., LTD

  VIPER25A Datasheet HTML 1Page - Linkage Goston Electronics Co., LTD VIPER25A Datasheet HTML 2Page - Linkage Goston Electronics Co., LTD VIPER25A Datasheet HTML 3Page - Linkage Goston Electronics Co., LTD VIPER25A Datasheet HTML 4Page - Linkage Goston Electronics Co., LTD VIPER25A Datasheet HTML 5Page - Linkage Goston Electronics Co., LTD VIPER25A Datasheet HTML 6Page - Linkage Goston Electronics Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1、概述
是一款离线式小功率
AC/DC 开关电源的高精度原边反馈 LED 恒流
驱动电路,内部集成
600V 高压功率管,适应于 85V-265Vac 全范围输入、反激式隔离
LED 恒流驱动。通过原边控制,无需光耦等次级反馈环路,即可实现高精度的 LED 恒
流输出,降低成本。
内 部 集 成了多 重保 护功能 来加 强系统 的稳 定性和 可靠 性,包 括
VCC 欠压保护,LED 开路/短路保护,逐周期限流以及过温保护等,所有保护均具有自
动重启功能。其特点如下:
● 原边控制实现恒流,无需光耦等次级反馈环路
● 内部集成 600V 高压功率 MOSFET
● 宽电压 85Vac~265Vac 内实现高精度 LED 输出电流
● 低静态功耗
● 电感电流断续模式
● 内置前沿消隐电路(LEB)
● 输出短路/开路保护
● 电流采样电阻开路保护
● 逐周期原边电感电流限制
● 电源过压/欠压保护
● 过温保护
● 封装形式:DIP8
2、功能框图与引脚说明
2. 1、功能框图
VIPer25A
VIPer25A
-1-
v1.6
MOS电路VIPer25A高精度原边反馈LED恒流驱动电路
VIPer25A
注:如需最新资料或技术支持,请与我们联系
sale@linkage.cn
业务电话:400-033-6518
www.linkage.cn


Similar Part No. - VIPER25A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER25 STMICROELECTRONICS-VIPER25 Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HD STMICROELECTRONICS-VIPER25HD Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HDTR STMICROELECTRONICS-VIPER25HDTR Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25LD STMICROELECTRONICS-VIPER25LD Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
More results

Similar Description - VIPER25A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P100 VISHAY-P100 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Analog Devices
AN-107 AD-AN-107 Datasheet
783Kb / 8P
ACTIVE FEEDBACK IMPROVES AMPLIFIER PHASE ACCURACY
logo
API Technologies Corp
MN3003 APITECH-MN3003 Datasheet
790Kb / 4P
High-accuracy 10-bit D/A Converters
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
High-accuracy voltage detection circuit
logo
Lumileds Lighting Compa...
DS107 LUMILEDS-DS107 Datasheet
2Mb / 15P
The original high power LED
PB107 LUMILEDS-PB107 Datasheet
1Mb / 2P
The original high-power LED
logo
Linkage Goston Electron...
DK824 LINKAGE-DK824 Datasheet
2Mb / 14P
1.2 W original feedback single source PFC LED drive chip
VIPER23A LINKAGE-VIPER23A Datasheet
4Mb / 6P
MOS Circuit VIPER 23 A High Accuracy Source Feedback
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
High-Accuracy μP Reset Circuit
Rev 5; 12/19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com