Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6214 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6214
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6214 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6214 Datasheet HTML 1Page - Sipex Corporation SP6214 Datasheet HTML 2Page - Sipex Corporation SP6214 Datasheet HTML 3Page - Sipex Corporation SP6214 Datasheet HTML 4Page - Sipex Corporation SP6214 Datasheet HTML 5Page - Sipex Corporation SP6214 Datasheet HTML 6Page - Sipex Corporation SP6214 Datasheet HTML 7Page - Sipex Corporation SP6214 Datasheet HTML 8Page - Sipex Corporation SP6214 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Date: 08/10/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
■ Tiny 5-pin SC-70 Package
■ Guaranteed 100 mA Output
■ 2.5% Output Voltage Accuracy
■ Low Dropout Voltage: 250 mV at 100mA
■ Low Quiescent Current: 65 µA
■ Low Ground Current: 135 µA @ IL = 100mA
■ Low Shutdown Current: 1µA MAX
■ Current Limit: 190mA
■ Thermal Shutdown: 168°C
■ Good Load and Line Regulation
■ Fast Transient Response: TON/TOFF=80µs
■ Low Temperature Coefficient
■ Unconditionally Stable with 1µF Ceramic
■ Fixed Outputs: 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V, 5V
■ 100mA Replacement for 80mA MIC5213 & TC1016
(SP6213)
■ 100mA Replacement for 80mA NCP512 (SP6214)
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6213/SP6214
DESCRIPTION
The SP6213/4 is a 100mA CMOS linear voltage regulator offered in an SC-70 package that reduces board space
requirements by 50% over a SOT-23 package. The SP6213/4 features low dropout voltage (250mV at 100mA ), low
ground current (135µA at full load) and low, 65µA quiescent current. Designed specifically for hand-held, battery
powered devices, the device includes an enable/shutdown pin. Regulator ground current increases only slightly in
dropout to extend battery life. The SP6213/4 is offered in an industry standard 5-pin SC-70 package. SP6213/4 is
available in 1.8V, 2.5V, 2.7V, 2.85V, 3.0V, 3.3V and 5.0V fixed output voltages.
FEATURES
®
■ Digital Cordless Phones
■ Cellular Phones
■ PDAs
■ Digital Still Cameras
■ MP3 Players
■ Battery-Powered Equipment
■ Medical Devices
■ Data Cable
APPLICATIONS
*connect to GND for enhanced
thermal performance
SP6213
5 Pin SC70
5
VIN
1
EN
3
GND
4
VOUT
2
NC*
FUNCTIONAL DIAGRAM
VOUT
+
–
Current Limit
& Thermal Shutdown
1.25V
Bandgap
Reference
VIN
GND
EN
Enable
Shutdown
SP6214
5 Pin SC70
5
VIN
1
EN
3
GND
4
VOUT
2
NC*
Now Available in Lead Free Packaging


Similar Part No. - SP6214

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6214 EXAR-SP6214 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-1-8 EXAR-SP6214EC5-1-8 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-1-8/TR EXAR-SP6214EC5-1-8/TR Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-2-5 EXAR-SP6214EC5-2-5 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6214EC5-2-5/TR EXAR-SP6214EC5-2-5/TR Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
More results

Similar Description - SP6214

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com