Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6895 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM6895
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM6895 Datasheet HTML 17Page - OKI electronic componets MSM6895 Datasheet HTML 18Page - OKI electronic componets MSM6895 Datasheet HTML 19Page - OKI electronic componets MSM6895 Datasheet HTML 20Page - OKI electronic componets MSM6895 Datasheet HTML 21Page - OKI electronic componets MSM6895 Datasheet HTML 22Page - OKI electronic componets MSM6895 Datasheet HTML 23Page - OKI electronic componets MSM6895 Datasheet HTML 24Page - OKI electronic componets MSM6895 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
¡ Semiconductor
MSM6895/6896
21/43
AC Characteristics 3 (Receive Path) (Continued)
VPP
187.0 mVPP
224.6
VFTRP
—
—
VOR
—
VPP
——
VOM
—
Maximum Output Amplitude
157.0
189.0
—
—
132.0
159.0
2.4
3.0
FTONE Output Amplitude
—
SPO
RPO
RMO0, RMO1
RPO, SPO
—
VRT1
—
RTONE1 Output Amplitude
—
191.5
161.0
135.5
mVPP
RPO
VFTSP
RL = 3 kW +55 nF
RL = 20 kW
109.0 mVPP
91.7
77.2
RPO
VRT0
—
RTONE0 Output Amplitude
—
*8
*7
Parameter
Symbol
Level
(dBV)
Max.
Unit
(VDD = 5 V ±5%, Ta = –10°C to +70°C)
Freq.
(Hz)
Condition
Typ.
Min.
Notes:
*7 DT, PDT, SDT, CRBT, IIT
*8 RBT, DT, T250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com