Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6895 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM6895
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM6895 Datasheet HTML 8Page - OKI electronic componets MSM6895 Datasheet HTML 9Page - OKI electronic componets MSM6895 Datasheet HTML 10Page - OKI electronic componets MSM6895 Datasheet HTML 11Page - OKI electronic componets MSM6895 Datasheet HTML 12Page - OKI electronic componets MSM6895 Datasheet HTML 13Page - OKI electronic componets MSM6895 Datasheet HTML 14Page - OKI electronic componets MSM6895 Datasheet HTML 15Page - OKI electronic componets MSM6895 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
¡ Semiconductor
MSM6895/6896
12/43
AD0, AD1
Address data inputs for the internal control registers.
Addressing of the internal control registers is executed by AD0 and AD1 and sub address data,
DB7 and DB6.
WR
Write signal for internal control registers.
Data on the data bus is written into the registers at the rising edge of WR under the condition of
digital "0" of CE (Chip Enable). While CE is in digital "1" state, WR becomes invalid. The Write
cycle is a minimum of 2 ms, but if the CK64 and CK8 signals are silent, the write cycle requires
a minimum of 50 ms.
A minimum of 2 ms specified as the write cycle is valid 10 ms after CK64 and CK8 signals are input.
RD
Read signal input to read PI0 to PI7 out of the processor.
When CE and RD are in digital "0" state, the digital values on PI0 to PI7 are output onto the data
buses DB0 to DB7. While CE is in digital "1" state, the RD signal becomes invalid.
Write
Read
AD1
AD0
DB7
DB6
00
00
00
01
00
10
00
11
01
—
—
10
—
—
11
00
11
01
11
10
11
11
10
—
—
Function
Sounder Control
Control of function key acknowledge tone
PB tone control
Control of the internal control latch and the general-purpose latch,
Reset control of the watch dog timer.
Control of channel selector
Key scanning output control, interrupt release control
Volume control and tone combination control of sounder
CODEC power down control
Level control of transmit path, PB tone, and Hold tone, Gain control of
receive path
Frequency control of howler tone
Read of the key scanning data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com