Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6895 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM6895
Description  Multi-Function PCM CODEC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6895 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM6895 Datasheet HTML 1Page - OKI electronic componets MSM6895 Datasheet HTML 2Page - OKI electronic componets MSM6895 Datasheet HTML 3Page - OKI electronic componets MSM6895 Datasheet HTML 4Page - OKI electronic componets MSM6895 Datasheet HTML 5Page - OKI electronic componets MSM6895 Datasheet HTML 6Page - OKI electronic componets MSM6895 Datasheet HTML 7Page - OKI electronic componets MSM6895 Datasheet HTML 8Page - OKI electronic componets MSM6895 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
¡ Semiconductor
MSM6895/6896
2/43
BLOCK DIAGRAM
M
TPAO
MLDY
TPBI
TMX1I
TMX2I
T2O
T1O
CAI
B1T
B1R
B2T
B2R
BR1
BT1
BR2
BT2
CK8
CK64
WR
SW0
SW1
8K
64K
RD
CE
RESET
8BIT
Data Bus
AD0
AD1
INTT
TIME
4BIT
LOSS
LML
B1
B2
PI0 to
PI7
7
6
5
4
3
2
1
0
4
3
2
1
0
PO0 ~
PO4
KEY INTF.
PUSH-BOTTON SWITCH
KEY DATA INPUT
SCANNING
OUTPUT
SGGEN
VSGC
VSG
VD VAG VDG
VA
SA0
SPO
RMO1
RMO0
RMI
RPO
R2I
R1I
SW
&
MIX
TPAI
SW
CONT.
SW
&
MIX
SW
LATCH
S-TONE
R-TONE
F-TONE
GEN
GEN
GEN
DTMF TONE
GEN
PLL
AIN
AOUT
CODEC
SW
&
MIX
CAO
SA1
+
–
LA ~
LD
SP
BUZZER
SWITCH
HOOK
TEST
CK1536
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com