Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2264 Datasheet(PDF) 9 Page - 3PEAK INC.

Part # TP2264
Description  36V, 3.5MHz, 15V/關s Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2264 Datasheet(HTML) 9 Page - 3PEAK INC.

Back Button TP2264 Datasheet HTML 5Page - 3PEAK INC. TP2264 Datasheet HTML 6Page - 3PEAK INC. TP2264 Datasheet HTML 7Page - 3PEAK INC. TP2264 Datasheet HTML 8Page - 3PEAK INC. TP2264 Datasheet HTML 9Page - 3PEAK INC. TP2264 Datasheet HTML 10Page - 3PEAK INC. TP2264 Datasheet HTML 11Page - 3PEAK INC. TP2264 Datasheet HTML 12Page - 3PEAK INC. TP2264 Datasheet HTML 13Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.3peakic.com.cn
Rev.0.02
9 / 20
TP2261/ TP2262/ TP2264
36V, 3.5MHz, 15V/
μs Op Amps
VS = ±15V, VCM = 0V, RL
= 10kΩ, unless otherwise specified.
Figure 13. EMIRR+- vs. Frequency
Figure 14. Open Loop Gain and Phase vs. Frequency
Figure 15. Close Loop Gain and Phase vs. Frequency
VS =±1.5V, VIN=100mVPP, RL=10K, CL=100pF, G=1
Figure 16. Waveform under 3V Supply Voltage
Figure 17. Maximum Peak Output Voltage vs. Load
Resistance
Figure 18. Maximum Peak Output Voltage vs. Load
Resistance
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
50
500
5000
Frequency: MHz
-40
-30
-20
-10
0
10
20
30
40
50
1
10
100
1K
10K
Frequency(kHz)
AV=1
AV=-1
AV=11
AV=100
0
2
4
6
8
10
12
14
16
0.01
0.1
1
10
100
Load Resistance(k
Ω)
-16
-14
-12
-10
-8
-6
-4
-2
0
0.01
0.1
1
10
100
Load Resistance(k
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com