Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2264 Datasheet(PDF) 3 Page - 3PEAK INC.

Part # TP2264
Description  36V, 3.5MHz, 15V/關s Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2264 Datasheet(HTML) 3 Page - 3PEAK INC.

  TP2264 Datasheet HTML 1Page - 3PEAK INC. TP2264 Datasheet HTML 2Page - 3PEAK INC. TP2264 Datasheet HTML 3Page - 3PEAK INC. TP2264 Datasheet HTML 4Page - 3PEAK INC. TP2264 Datasheet HTML 5Page - 3PEAK INC. TP2264 Datasheet HTML 6Page - 3PEAK INC. TP2264 Datasheet HTML 7Page - 3PEAK INC. TP2264 Datasheet HTML 8Page - 3PEAK INC. TP2264 Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.3peakic.com.cn
Rev.0.02
3 / 20
TP2261/ TP2262/ TP2264
36V, 3.5MHz, 15V/
μs Op Amps
Order Information
Order Number
Operating Temperature Range
Package
Marking Information
MSL
Transport Media, Quantity
TP2261-SR
-40 to 125°C
8-Pin SOIC
2261
AAYW Note 1
3
Tape and Reel, 4000
TP2261-TR
-40 to 125°C
5-Pin SOT23
226YW Note 1
3
Tape and Reel, 3000
TP2261L1-TR
-40 to 125°C
5-Pin SOT23
226YW Note 1
1
Tape and Reel, 3000
TP2262-SR
-40 to 125°C
8-Pin SOIC
TP2262
AAYW Note 1
3
Tape and Reel, 4000
TP2262-F2R
-40 to 125°C
8-Pin DFN 3*3
2262
AAYW Note 1
3
Tape and Reel, 4000
TP2262L1-SR
-40 to 125°C
8-Pin SOIC
TP2262
AAYWL Note 1
1
Tape and Reel, 4000
TP2262-TSR
-40 to 125°C
8-Pin TSSOP
2262
AAYW Note 1
3
Tape and Reel, 3000
TP2262L1-TSR
-40 to 125°C
8-Pin TSSOP
2262
AAYWL Note 1
3
Tape and Reel, 3000
TP2262-VR
-40 to 125°C
8-Pin MSOP
2262
AAYW Note 1
3
Tape and Reel, 3000
TP2264-SR
-40 to 125°C
14-Pin SOIC
TP2264
AAYW Note 1
3
Tape and Reel, 2500
TP2264L1-SR
-40 to 125°C
14-Pin SOIC
TP2264
AAYWL Note 1
1
Tape and Reel, 2500
TP2264-TR
-40 to 125°C
14-Pin TSSOP
2264
AAYW Note 1
3
Tape and Reel, 3000
Note 1: “AA” identify the manufacture site. “YW” is the date code means manufacture year and week as following, “L” means MSL1
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com