Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2264 Datasheet(PDF) 14 Page - 3PEAK INC.

Part # TP2264
Description  36V, 3.5MHz, 15V/關s Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2264 Datasheet(HTML) 14 Page - 3PEAK INC.

Back Button TP2264 Datasheet HTML 10Page - 3PEAK INC. TP2264 Datasheet HTML 11Page - 3PEAK INC. TP2264 Datasheet HTML 12Page - 3PEAK INC. TP2264 Datasheet HTML 13Page - 3PEAK INC. TP2264 Datasheet HTML 14Page - 3PEAK INC. TP2264 Datasheet HTML 15Page - 3PEAK INC. TP2264 Datasheet HTML 16Page - 3PEAK INC. TP2264 Datasheet HTML 17Page - 3PEAK INC. TP2264 Datasheet HTML 18Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.3peakic.com.cn
Rev.0.02
14 / 20
TP2261/ TP2262/ TP2264
36V, 3.5MHz, 15V/
μs Op Amps
D
E1
b
E
A1
A2
e
θ
L1
C
SOIC-8
Symbol
Dimensions
In Millimeters
Min
Max
A1
0.100
0.250
A2
1.300
1.550
b
0.330
0.510
C
0.170
0.250
D
4.700
5.100
E
3.800
4.000
E1
5.800
6.300
e
1.270TYP
L1
0.400
0.900
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com