Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC503 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC503
Description  Comlinear CLC503 180MHz, Differential-Output Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC503 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC503 Datasheet HTML 1Page - National Semiconductor (TI) CLC503 Datasheet HTML 2Page - National Semiconductor (TI) CLC503 Datasheet HTML 3Page - National Semiconductor (TI) CLC503 Datasheet HTML 4Page - National Semiconductor (TI) CLC503 Datasheet HTML 5Page - National Semiconductor (TI) CLC503 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Performance Characteristics (V
CC = + 5V, VEE = - 5V, Vcm = 2.25V, CL = 5pF, Vo = 4Vpp unless specified)(
Frequency Response vs. RL
Frequency (Hz)
1M
10M
100M
RL = Open
RL = 500Ω
RL = 1kΩ
1G
Vo = 1Vpp
Frequency Response vs. Vo
Frequency (Hz)
1M
10M
100M
Vo = 1Vpp
Vo = 3Vpp
Vo = 2Vpp
SNR and SFDR
Frequency (Hz)
1M
10M
SFDR
SNR
55
60
65
70
75
80
CLC949 driven by CLC503
-1dB full scale input
2nd Harmonic Distortion vs. Frequency
Frequency (Hz)
0.1M
10M
Vcm = 2.75
-84
-82
-80
-78
-76
-74
Vcm = 2.25
Vcm = 1.75
Vcm = 1.25
Vin = 1.2Vpp
Vo = 2Vpp
3rd Harmonic Distortion vs. Frequency
Frequency (Hz)
0.1M
10M
Vcm = 2.75
-98
-96
-94
-92
-90
-88
-86
-84
-82
Vcm = 2.25
Vcm = 1.75
Vcm = 1.25
Vin = 1.2Vpp
Vo = 2Vpp
2nd Harmonic Distortion vs. Amplitude
Output Amplitude (Vpp)
4
12
3
5
RL = 2kΩ
-85
-80
-75
-70
-65
-60
10MHz
5MHz
2MHz
1MHz
-90
0
3rd Harmonic Distortion vs. Amplitude
Output Amplitude (Vpp)
12
3
4
5
RL = 2kΩ
-90
-85
-80
-75
-70
10MHz
5MHz
2MHz
1MHz
-95
-100
0
Pulse Response CLC949 Driven By CLC503
Time (ns)
0
2040
6080
100
Positive
Negative
-1.0
-0.5
0
0.5
1.0
Settling Time vs. Capacitive Load
Time (ns)
10
100
1000
5pf
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
10pf
20pf
40pf
Equivalent Input Noise
Frequency (Hz)
0.1k
1M
100M
Voltage = 12nV/
√Hz
10
100
10M
100k
1k
10k
IB, VIO, vs. Temperature
Temperature (
°C)
-100
-50
0
50
100
150
2.155
IB
-30
2.16
-25
2.165
-20
2.17
-15
2.175
-10
2.18
-5
VIO
Power Down (PDN) Response
Time (20ns/div)
PDN
Output
0
-1
-2
1
2
3
4
5
CLC949 Output When Driven By CLC503
Output Code
3000
2500
500
2012
2013
2014
2015
2016
2017
2000
1500
0
Input Grounded
1000
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com