Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC503 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC503
Description  Comlinear CLC503 180MHz, Differential-Output Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC503 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC503 Datasheet HTML 1Page - National Semiconductor (TI) CLC503 Datasheet HTML 2Page - National Semiconductor (TI) CLC503 Datasheet HTML 3Page - National Semiconductor (TI) CLC503 Datasheet HTML 4Page - National Semiconductor (TI) CLC503 Datasheet HTML 5Page - National Semiconductor (TI) CLC503 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
s
Pin 1
Power Down (PDN): The power down pin takes
CMOS input levels.
Use this to decrease the
power from 250mW to 40mW.
This is not a
signal disable pin. A CMOS gate will drive this
input. The quiescent supply current will be
decreased when PDN is at least 1V higher than
Vcm. When the current is turned off, the output
voltage Vo, will go to approximately 4.3V. An
internal pull down resistor of 10k allows PDN to
be left open when not used.
s
Pin 2
Input Voltage (Vin): This is the signal input. The
recommended input range is ±1V.
The linear
operating range is approximately ±1.4V
This
input controls the differential output voltage.
Because of the closed loop nature of the trans-
conductance stage, the transfer function is highly
linear. Refer to
Output Voltage pin for output
signal limitations.
s
Pin 3
Ground (GND): Tie to low impedance analog
ground.
s
Pins 4 and 5
Power Supplies (VEE and VCC): For optimum
performance, use linear ±5V power supplies.
Use bypass capacitors of 0.1
µF and 6.8µF on the
power supply lines to decrease any noise that
could be injected into the circuit by the power
supplies. Place the bypass capacitors as close
to the device pins as possible. Remove the
ground plane from the board underneath the
device to eliminate parasitic capacitance. Refer
to
Printed Circuit Board Layout section for
more layout suggestions.
s
Pins 6 and 7
Output Voltage (-Vo and +Vo): These are the
differential signal output pins. The output voltage
at these pins is limited to 0.7V to 3.9V. The
output recovery time after exceeding these limits
is approximately 40ns. The output voltage can
be defined as:
s
Pin 8
Common-Mode Voltage (Vcm): This input sets
the common-mode output operating points. The
common mode input voltage can range from 1.5V
to 3.5V. Refer to
Output Voltage pin discussion
for limitations on the output range.
Load: The CLC503 is intended to drive high speed
CMOS analog-to-digital converters, such as the
CLC949.
Resistive loading will affect the gain and
common mode offset. It is not recommended to drive
resistive loads below 10k
Ω with this part. See Figure 5
for gain vs. load with specified range in device output
resistance.
Figure 5: Gain vs. Resistive Load
Settling Time: The CLC503 settles to 0.1% in 15ns
with a 5pF load, the input capacitance of the CLC949.
Refer to the
Settling Time vs. Capacitive Load plot in
the
Typical Performance Characteristics section.
Power Dissipation
To calculate the power dissipation, PT, for the CLC503,
use the following equation:
The performance of the CLC503 is strongly dependent
on proper layout, and adequate power supply
decoupling. The parasitic capacitance at the output of
the CLC503 and the input to the CLC949, or any other
analog-to-digital converter, must be kept to a minimum.
Consider the following guidelines:
s
Use a ground plane.
s
Bypass power supply pins with monolithic
capacitors of 0.1
µF and with 6.8µF tantalum
capacitors. Place the capacitors less than 0.1"
(3mm) from the pin.
s
Remove the ground plane underneath the
device and 0.1" (3mm) from all input/output
pads.
Interfacing the CLC503 with the CLC949
The CLC503 can be easily interfaced with the CLC949
as shown in Figure 6. An evaluation board is available
for proto-typing and measurements.
PI
V
V
T
CC
CC
EE
=−
()
+V
V
V
-V
V
V
V+V
-V
2V
V
+V
-V
2
V
ocm
in
ocm
in
odiff
oo
in
ocm
oo
cm
=+
=−
=−
=
=
−
=
()
()
Load Resistance (
Ω)
03 Fi
2
1.5
0
100
1000
10000
1
0.5
100000
2.5
Ro = 600Ω = Romax
Ro = 400Ω = Romin
Design Information
Printed Circuit Board Layout
5
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com