Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC503 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC503
Description  Comlinear CLC503 180MHz, Differential-Output Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC503 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC503 Datasheet HTML 1Page - National Semiconductor (TI) CLC503 Datasheet HTML 2Page - National Semiconductor (TI) CLC503 Datasheet HTML 3Page - National Semiconductor (TI) CLC503 Datasheet HTML 4Page - National Semiconductor (TI) CLC503 Datasheet HTML 5Page - National Semiconductor (TI) CLC503 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
-77dBc distortion (10MHz, 4Vpp)
s
72dB SNR (4Vpp)
s
15ns settling (0.1%)
s
180MHz bandwidth
Applications
s
Single-to-differential conversion
s
Single supply ADC signal conditioner
General Description
The Comlinear CLC503 is a single-ended to differential amplifier.
It utilizes a pair of closed-loop transconductance amplifiers to
provide wideband, high fidelity, differential output signals. Internal
resistors set the differential gain to 2V/V. With a ground-centered
2Vpp input signal, the CLC503 will produce a 4Vpp differential
output signal. This differential output signal is centered around an
adjustable common mode voltage. An independent input controls
the common mode output voltage. The CLC503 has harmonic
distortion products of -77dBc or less, and a signal to noise ratio of
72dB. The output stage is optimized for loads with signal ranges
between +0.7 and +3.9 volts, such as those found on single
supply CMOS ADCs. Overdrive recovery time of the CLC503
and following circuitry is optimized by the output limiting of the
CLC503. The power down pin (PDN) allows for power savings
in applications where unused circuitry is placed in a low
power mode.
The CLC503 is an ideal amplifier to drive the differential inputs
of the Comlinear CLC949, 12-bit, 20MSPS, analog-to-digital
converter.
It is tailored for driving single supply, differential
input, analog-to-digital converters which require fast settling, high
fidelity inputs.
Harmonic Distortion vs. Amplitude
Output Amplitude (Vpp)
4
12
3
5
RL = 2kΩ
-85
-80
-75
-70
-65
-60
10MHz
5MHz
2MHz
1MHz
-90
0
PDN
Vin
GND
VEE
+Vo
-Vo
VCC
Vcm
2K
2K
AMP
CORE
Typical Application Diagram
Pinout
SOIC
Vin
PDN
CLC503
CLC949
74AC04
Power Down
ADC Clock
Vin
GND
VEE
Vcm
+Vo
-Vo
VCC
VREFMO
BIASC
CLK
VCC
GND
-5V
0.1
µF
0.1
µF
0.1
µF
12b/20MSPS ADC
VINP
VINN
6.8
µF
+5V
0.1
µF
6.8
µF
Comlinear CLC503
180MHz, Differential-Output Amplifier
August 1996
N
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC501AJE NSC-CLC501AJE Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC501AJP NSC-CLC501AJP Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
CLC502AJE NSC-CLC502AJE Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
More results

Similar Description - CLC503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5211 PHILIPS-SA5211 Datasheet
172Kb / 20P
Transimpedance amplifier 180MHz
1998 Oct 07
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV.A
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2160 INTERSIL-EL2160 Datasheet
280Kb / 14P
180MHz Current Feedback Amplifier
September 26, 2001
EL2002 INTERSIL-EL2002 Datasheet
222Kb / 8P
Low Power, 180MHz Buffer Amplifier
December 1995
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
1GHz, Differential Input/Output Amplifier
logo
Cypress Semiconductor
Z9952 CYPRESS-Z9952 Datasheet
54Kb / 9P
3.3V, 180MHz, Multi-Output Zero Delay Buffer
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
1GHz, Differential Input/Output Amplifier
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com