Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756BN Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7756BN
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756BN Datasheet(HTML) 4 Page - Analog Devices

  ADE7756BN Datasheet HTML 1Page - Analog Devices ADE7756BN Datasheet HTML 2Page - Analog Devices ADE7756BN Datasheet HTML 3Page - Analog Devices ADE7756BN Datasheet HTML 4Page - Analog Devices ADE7756BN Datasheet HTML 5Page - Analog Devices ADE7756BN Datasheet HTML 6Page - Analog Devices ADE7756BN Datasheet HTML 7Page - Analog Devices ADE7756BN Datasheet HTML 8Page - Analog Devices ADE7756BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. 0
–4–
ADE7756–SPECIFICATIONS
Parameter
A Version
B Version
Unit
Test Conditions/Comments
REFERENCE INPUT
REFIN/OUT Input Voltage Range
2.6
2.6
V max
2.4 V + 8%
2.2
2.2
V min
2.4 V – 8%
Input Capacitance
10
10
pF max
ON-CHIP REFERENCE
Nominal 2.4 V at REFIN/OUT Pin
Reference Error
±200
±200
mV max
Load Current
10
10
µA max
Output Impedance
4
4
k
Ω min
Temperature Coefficient
±20
±20
ppm/
°C typ
±80
ppm/
°C max
CLKIN
Note All Specifications CLKIN of 3.579545 MHz
Input Clock Frequency
10
10
MHz max
1
1
MHz min
LOGIC INPUTS
RESET, DIN, SCLK, CLKIN and CS
Input High Voltage, VINH
2.4
2.4
V min
DVDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
0.8
V max
DVDD = 5 V
± 5%
Input Current, IIN
± 3
± 3
µA max
Typically 10 nA, VIN = 0 V to DVDD
Input Capacitance, CIN
10
10
pF max
LOGIC OUTPUTS
SAG and IRQ
Open Drain Outputs, 10 k
Ω Pull-Up Resistor
Output High Voltage, VOH
4
4
V min
ISOURCE = 5 mA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 0.8 mA
ZX and DOUT
Output High Voltage, VOH
4
4
V min
ISOURCE = 5 mA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 0.8 mA
CF
Output High Voltage, VOH
4
4
V min
ISOURCE = 5 mA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 7 mA
POWER SUPPLY
For Specified Performance
AVDD
4.75
4.75
V min
5 V – 5%
5.25
5.25
V max
5 V + 5%
DVDD
4.75
4.75
V min
5 V – 5%
5.25
5.25
V max
5 V + 5%
AIDD
3
3
mA max
Typically 2.0 mA
DIDD
4
4
mA max
Typically 3.0 mA
NOTES
1See Terminology section for explanation of specifications.
2See plots in Typical Performance Characteristic curves.
3See Analog Inputs section.
Specifications subject to change without notice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com