Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756BN Datasheet(PDF) 29 Page - Analog Devices

Part # ADE7756BN
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756BN Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE7756BN Datasheet HTML 24Page - Analog Devices ADE7756BN Datasheet HTML 25Page - Analog Devices ADE7756BN Datasheet HTML 26Page - Analog Devices ADE7756BN Datasheet HTML 27Page - Analog Devices ADE7756BN Datasheet HTML 28Page - Analog Devices ADE7756BN Datasheet HTML 29Page - Analog Devices ADE7756BN Datasheet HTML 30Page - Analog Devices ADE7756BN Datasheet HTML 31Page - Analog Devices ADE7756BN Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. 0
ADE7756
–29–
Table IV. Register List (continued)
No. of
Address
Name
R/W
Bits
Default
Description
10H
IRQEN
R/W
8
0h
Interrupt Enable Register. ADE7756 interrupts may be deactivated at
any time by setting the corresponding bit in this 8-bit Enable register
Logic 0. The Status register will continue to register an interrupt event
even if disabled. However, the
IRQ output will not be activated
—see Interrupts section.
11H
SAGLVL
R/W
8
0h
Sag Voltage Level. An 8-bit write to this register determines at what
peak signal level on Channel 2 the SAG pin will become active. The
signal must remain low for the number of cycles specified in the SAGCYC
register before the SAG pin is activated—see Line Voltage Sag Detec-
tion section.
12H
TEMP
R
8
0h
Temperature Register. This is an 8-bit register which contains the result
of the latest temperature conversion. A full description of this register’s
contents can be found in the Temperature Measurement section of this
data sheet.
REGISTER DESCRIPTIONS
All ADE7756 functionality is accessed via the on-chip registers. Each register is accessed by first writing to the communications
register and then transferring the register data. A full description of the serial interface protocol is given in the Serial Interface section
of this data sheet.
Communications Register
The Communications register is an 8-bit, write-only register that controls the serial data transfer between the ADE7756 and the host
processor. All data transfer operations must begin with a write to the communications register. The data written to the communica-
tions register determines whether the next operation is a read or a write and which register is being accessed. Table V outlines the bit
designations for the Communications register.
Table V. Communications Register
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W/
R
0
0
A4
A3
A2
A1
A0
Bit
Bit
Location
Mnemonic
Description
0 to 4
A0 to A4
The five LSBs of the Communications register specify the register for the data transfer opera-
tion. Table IV lists the address of each ADE7756 on-chip register.
5 to 6
RESERVED
These bits are unused and should be set to zero.
7W/
R
When this bit is a Logic 1, the data transfer operation immediately following the write to the
Communications register will be interpreted as a write to the ADE7756. When this bit is a
Logic 0, the data transfer operation immediately following the write to the Communications
register will be interpreted as a read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com