Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7756BN Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7756BN
Description  Active Energy Metering IC with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7756BN Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7756BN Datasheet HTML 8Page - Analog Devices ADE7756BN Datasheet HTML 9Page - Analog Devices ADE7756BN Datasheet HTML 10Page - Analog Devices ADE7756BN Datasheet HTML 11Page - Analog Devices ADE7756BN Datasheet HTML 12Page - Analog Devices ADE7756BN Datasheet HTML 13Page - Analog Devices ADE7756BN Datasheet HTML 14Page - Analog Devices ADE7756BN Datasheet HTML 15Page - Analog Devices ADE7756BN Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. 0
ADE7756
–12–
ANALOG INPUTS
The ADE7756 has two fully differential voltage input channels.
The maximum differential input voltage for each input pair
(V1P/V1N and V2P/V2N) is
±1 V. In addition, the maximum
signal level on each analog input (V1P, V1N, V2P, and V2N) is
also
±1 V with respect to AGND.
Each analog input channel has a PGA (Programmable Gain
Amplifier) with possible gain selections of 1, 2, 4, 8, and 16.
The gain selections are made by writing to the Gain regis-
ter—see Figure 5. Bits 0 to 2 select the gain for the PGA in
Channel 1 and the gain selection for the PGA in Channel 2 is
made via bits 5 to 7. Figure 4 shows how a gain selection for
Channel 1 is made using the Gain register.
V1P
V1N
VIN
GAIN[7:0]
CH1OS[7:0]
GAIN (k) SELECTION
OFFSET ADJUST
( 32mV)
k VIN
Figure 4. PGA in Channel 1
In addition to the PGA, Channel 1 also has a full-scale input
range selection for the ADC. The ADC analog input range selec-
tion is also made using the Gain register—see Figure 5. As
mentioned previously, the maximum differential input voltage is
±1 V However, by using Bits 3 and 4 in the Gain register, the
maximum ADC input voltage can be set to 1 V, 0.5 V, or 0.25 V.
This is achieved by adjusting the ADC reference—see Reference
Circuit section. Table I summarizes the maximum differential
input signal level on Channel 1 for the various ADC range and
gain selections.
Table I. Maximum Input Signal Levels for Channel 1
Max Signal
ADC Input Range Selection
Channel 1
1 V
0.5 V
0.25 V
1 V
Gain = 1
0.5 V
Gain = 2
Gain = 1
0.25 V
Gain = 4
Gain = 2
Gain = 1
0.125 V
Gain = 8
Gain = 4
Gain = 2
0.0625 V
Gain = 16
Gain = 8
Gain = 4
0.0313 V
Gain = 16
Gain = 8
0.0156 V
Gain = 16
GAIN REGISTER*
CHANNEL 1 AND CHANNEL 2 PGA CONTROL
ADDR: 0AH
PGA 2 GAIN SELECT
000 = x1
001 = x2
010 = x4
011 = x8
100 = x16
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS
PGA 1 GAIN SELECT
000 = x1
001 = x2
010 = x4
011 = x8
100 = x16
CHANNEL 1 FS
SELECT
00 = 1V
01 = 0.5V
10 = 0.25V
0
000
00
00
7
654
32
10
Figure 5. Analog Gain Register
It is also possible to adjust offset errors on Channel 1 and Channel
2 by writing to the Offset Correction Registers (CH1OS and
CH2OS respectively). These registers allow channel offsets in the
range
±20 mV to ±60 mV (depending on the gain setting) to be
removed. Note that it is not necessary to perform an offset correc-
tion in an Energy measurement application if HPF1 in Channel 1
is switched on. Figure 6 shows the effect of offsets on the real
power calculation. As can be seen from Figure 6, an offset on
Channel 1 and Channel 2 will contribute a dc component after
multiplication. Since this dc component is extracted by LPF2 to
generate the Active (Real) Power information, the offsets will
have contributed an error to the Active Power calculation. This
problem is easily avoided by enabling HPF1 in Channel 1. By
removing the offset from at least one channel, no error compo-
nent can be generated at dc by the multiplication. Error terms at
Cos(
ωt) are removed by LPF2 and by integration of the Active
Power signal in the Active Energy register (AENERGY[39:0]).
See Energy Calculation section.
V I
2
FREQUENCY – RADS/Sec
2
0
VOS IOS
VOS I
IOS V
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
Figure 6. Effect of Channel Offsets on the Real Power
Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com