Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q80CSIG Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q80CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q80CSIG Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q80CSIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q80C
56
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25Q80CTIG
8Mbit
SOP8 150mil
GD25Q80CSIG
8Mbit
SOP8 208mil
GD25Q80CPIG
8Mbit
DIP8 300mil
GD25Q80CEIG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q80CNIG
8Mbit
USON8 (3x4mm)
GD25Q80CQIG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q80CWIG
8Mbit
WSON8 (6x5mm)
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25Q80CTJG
8Mbit
SOP8 150mil
GD25Q80CSJG
8Mbit
SOP8 208mil
GD25Q80CPJG
8Mbit
DIP8 300mil
GD25Q80CEJG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q80CNJG
8Mbit
USON8 (3x4mm)
GD25Q80CQJG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q80CWJG
8Mbit
WSON8 (6x5mm)
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25Q80CTEG
8Mbit
SOP8 150mil
GD25Q80CSEG
8Mbit
SOP8 208mil
GD25Q80CPEG
8Mbit
DIP8 300mil
GD25Q80CEEG
8Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25Q80CNEG
8Mbit
USON8 (3x4mm)
GD25Q80CQEG
8Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25Q80CWEG
8Mbit
WSON8 (6x5mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com