Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q80CSIG Datasheet(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q80CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q80CSIG Datasheet(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q80CSIG Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q80C
65
11. REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2015-10-23
1.1
Modify Package USON8 (3*2mm, thickness 0.45mm)
Modify Package USON8 (4*3mm)
Modify AC CHARACTERISTICS: tCHCL Min.0.2 V/ns Change to 0.1
V/ns
tCLCH Min.0.2 V/ns Change to 0.1 V/ns
Modify POWER-ON TIMING: tPUW Min 1ms Change to 5ms
Modify Figure 40. Power-on Timing Sequence Diagram
P51
P53
P45
P41
P41
2015-11-13
1.2
Modify POWER-ON TIMING: tVSL Min 10us Change to 5ms
P41
2015-12-17
1.3
Modify AC CHARACTERISTICS: add tRST_R & tRST_P & tRST_E
P45
2015-12-18
1.4
Modify POWER-ON TIMING
Modify USON8 (2*3mm, thickness 0.45mm)
Modify Deep Power-Down Current Icc2: Typ 1 uA change to 0.1
uA ,Max 5 uA change to 1 uA
P41
P51
P43
2016-03-02
1.5
Add Package USON8(4*4mm, thickness 0.45mm)
P54
2016-06-07
1.6
Modify Connection Diagram
Modify Deep Power-Down Current Icc2: Typ 0.1uA change to
1uA,Max 1uA change to 5uA
Update USON8(3*2mm,thickness 0.45mm)
Update USON8(3*4mm)
P5
P43
P51
P53
2016-09-29
1.7
Add Package WSON8(6*5mm)
P54
2016-11-25
1.8
Modify VCC:-0.6 to VCC+0.4 change to -0.6 to 4.2V
Modify ORDERING INFORMATION
Add Valid Part Numbers
P41
P47
P48
2017-03-08
1.9
Modify Write Status Register (WRSR) (01H) Description
P17
2017-3-24
2.0
Modify High Performance Mode (HPM) (A3H) Description
Modify Enable Reset (66H) and Reset (99H) Description
P31
P36
2017-4-11
2.1
Modify SFDP
P40
2017-6-26
2.2
Update Package SOP8 150mil Note
Update Package SOP8 208mil Note
Update Package USON8 3*2mm Dimensions
Update Package USON8 3*4mm Dimensions
Update Package USON8 4*4mm Dimensions
Update Package WOSN8 6*5mm Dimensions
P49
P50
P52
P53
P54
P55
2017-7-10
2.3
Delete tRST_R and tRST_P
Add tRST, of which the max value is 30us
Modify the note of description of WSON and USON packages
P46
P46
P53-56
2017-10-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com