Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD25Q80CSIG Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q80CSIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q80CSIG Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q80CSIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q80CSIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q80C
10
Table1.1 GD25Q80C Protected area size (CMP=1)
Status Register Content
Memory Content
BP4
BP3
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
X
X
0
0
0
0 to 15
000000H-0FFFFFH
1M
ALL
0
0
0
0
1
0 to 14
000000H-0EFFFFH
960KB
Lower 15/16
0
0
0
1
0
0 to 13
000000H-0DFFFFH
896KB
Lower 17/8
0
0
0
1
1
0 to 11
000000H-0BFFFFH
768KB
Lower 3/4
0
0
1
0
0
0 to 7
000000H-07FFFFH
512KB
Lower 1/2
0
1
0
0
1
1 to 15
010000H-0FFFFFH
960KB
Upper 15/16
0
1
0
1
0
2 to 15
020000H-0FFFFFH
896KB
Upper 7/8
0
1
0
1
1
4 to 15
040000H-0FFFFFH
768KB
Upper 3/4
0
1
1
0
0
8 to 15
080000H-0FFFFFH
512KB
Upper 1/2
0
X
1
0
1
NONE
NONE
NONE
NONE
X
X
1
1
X
NONE
NONE
NONE
NONE
1
0
0
0
1
0 to 15
000000H-0FEFFFH
1020KB
L - 255/256
1
0
0
1
0
0 to 15
000000H-0FDFFFH
1016KB
L - 127/128
1
0
0
1
1
0 to 15
000000H-0FBFFFH
1008KB
L - 63/64
1
0
1
0
X
0 to 15
000000H-0F7FFFH
992KB
L
– 31/32
1
1
0
0
1
0 to 15
001000H-0FFFFFH
1020KB
U - 255/156
1
1
0
1
0
0 to 15
002000H-0FFFFFH
1016KB
U - 127/128
1
1
0
1
1
0 to 15
004000H-0FFFFFH
1008KB
U - 63/64
1
1
1
0
X
0 to 15
008000H-0FFFFFH
992KB
U
– 31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com