Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7312DHKP Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM7312DHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7312DHKP Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM7312DHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SM7312DHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.1 - January, 2019
www.sinopowersemi.com
Typical Operating Characteristics
4
Power Dissipation
Drain Current
0
20 40 60 80 100 120 140 160
0
4
8
12
16
20
24
T
C=25
oC,V
G=10V
0
20 40 60 80 100 120 140 160
0
5
10
15
20
25
30
T
C=25
oC
Tj - Junction Temperature (°C)
Tj - Junction Temperature (°C)
Safe Operation Area
Thermal Transient Impedance
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1E-4
1E-3
0.01
0.1
1
3
R
q
JC : 5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
VDS - Drain - Source Voltage (V)
Square Wave Pulse Duration (sec)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com