Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7312DHKP Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM7312DHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7312DHKP Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM7312DHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SM7312DHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.1 - January, 2019
www.sinopowersemi.com
Absolute Maximum Ratings (TA=25°C Unless Otherwise Noted)
2
Symbol
Parameter
Rating
Unit
Common Ratings
VDSS
Drain-Source Voltage
40
V
VGSS
Gate-Source Voltage
±20
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
IS
Diode Continuous Forward Current
TC=25°C
11.4
A
ID
Continuous Drain Current
TC=25°C
22 a
A
TC=100°C
22 a
IDM b
Pulsed Drain Current
TC=25°C
88
PD
Maximum Power Dissipation
TC=25°C
25
W
TC=100°C
10
RqJC
Thermal Resistance-Junction to Case
Steady state
5
°C/W
ID
Continuous Drain Current
TA=25°C
10.7
A
TA=70°C
8.5
IDM b
Pulsed Drain Current
TC=25°C
43
PD
Maximum Power Dissipation
TA=25°C
1.4
W
TA=70°C
0.9
RqJAc
Thermal Resistance-Junction to Ambient
t ≤ 10s
45
°C/W
Steady state
90
IAS d
Avalanche Current, Single pulse
L=0.1mH
28
A
EAS d
Avalanche Energy, Single pulse
L=0.1mH
39.2
mJ
Note a:Max. continuous current is limited by bonding wire.
Note b:Pulse width limited by max. junction temperature.
Note c:Surface mounted on 1in2 pad area, steady state t = 999s.
Note d:UIS tested and pulse width limited by maximum junction temperature 150oC (initial temperature Tj=25oC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com