Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM7312DHKP Datasheet(PDF) 1 Page - Sinopower Semiconductor Inc

Part # SM7312DHKP
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM7312DHKP Datasheet(HTML) 1 Page - Sinopower Semiconductor Inc

  SM7312DHKP Datasheet HTML 1Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 2Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 3Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 4Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 5Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 6Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 7Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 8Page - Sinopower Semiconductor Inc SM7312DHKP Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SM7312DHKP
Copyright © Sinopower Semiconductor Inc.
Rev. A.1 - January, 2019
www.sinopowersemi.com
Dual N-Channel Enhancement Mode MOSFET
Features
Pin Description
•
40V/22A
RDS(ON)=6.8mΩ(max.)@VGS=10V
RDS(ON)=9.5mΩ(max.)@VGS=4.5V
•
100% UIS + Rg Tested
•
Reliable and Rugged
•
Lead Free and Green Devices Available
(RoHS Compliant)
•
Moisture Sensitivity Level MSL1
(per JEDEC J-STD-020D)
Applications
•
12V Automotive Systems
•
Motor Control
•
Transmission Control
•
High Current,High Speed Switching
DFN5x6C-8_EP2
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest
version of relevant information to verify before placing orders.
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are
fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the leadfree requirements of IPC/JEDEC J-STD-020D for MSL
classification at lead-free peak reflow temperature. SINOPOWER defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl
does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
G1
S1
D1 D1
G2
S2
D2 D2
Ordering and Marking Information
1
N-Channel MOSFET
S1G1
S2G2
D1D1
D2D2
Pin 1
SM7312DH KP :
7312DH
XXXXX
●
XXXXX - Lot Code
SM7312DH
Assembly Material
Handling Code
Temperature Range
Package Code
Package Code
KP : DFN5x6C-8_EP2
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device


Similar Part No. - SM7312DHKP

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM7310DSKP SINOPWER-SM7310DSKP Datasheet
688Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
SM7310DSKPC-TRG SINOPWER-SM7310DSKPC-TRG Datasheet
688Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
SM7311DHKP SINOPWER-SM7311DHKP Datasheet
708Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
SM7311DHKPC-TRG SINOPWER-SM7311DHKPC-TRG Datasheet
708Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
logo
Linkage Goston Electron...
SM7313 LINKAGE-SM7313 Datasheet
1Mb / 7P
Low Cost Low Speed LED Constant
More results

Similar Description - SM7312DHKP

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com