Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7577 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MSM7577
¡ Semiconductor
3/8
PIN DESCRIPTION
Pin No.
Name
I/O
Description
1
TAUD
O
Output pin of transmitting voice.
2
AN2
I
Receive voice input.
Gain control should be connected by a resistor between AN2 pin RCV2 pin.
4
RCV2
O
Output pin of receiving voice.
Gain control should be connected by a resistor between AN2 and RCV2 pin.
RCV2 signal is opposite phase to RCV1 signal.
6
NC
—
No Connection.
7
RAUD
I
Receive voice input.
8
GND
—
Ground (0 V).
9
10
11
ATT0
ATT1
ATT2
I
Volume control.
ATT2
ATT1
ATT0
Loss level (dB)
0
0
0
0 ±0.3
0
0
1
–2 ±0.3
0
1
0
–4 ±0.3
0
1
1
–7 ±0.3
1
0
0
–10 ±0.3
1
0
1
–13 ±0.3
1
1
0
–16 ±0.3
1
1
1
–19 ±0.3
12
ATTE
I
Mute signal input.
H : Mute mode
L : Operating mode
13
AN3
I
Gain control and frequency responce control.
Gain control should be controlled by a resistor between AN3 and AO3.
14
MIC
I
Input pin of Microphone signal.
15
AO3
O
Gain control and frequency responce control.
Gain control should be controlled by a resistor between AN3 and AO3.
16
VDD
—
Power supply (+3 V).
3
PD
1
Power down control.
H : Power down
L : Power on
5
RCV1
O
Receive voice input.
RCV1 signal is opposite phase to RCV2 signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com