Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7577 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 7 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MSM7577
¡ Semiconductor
7/8
R1 > 30 kW
R2 > 30 kW
C1 = 0.1 µF
C2 = 1 µF
C3 = 50 pF
C4 = 10 pF
Gain = R2/R1
Analog input
R3 > 10 kW
R4 > 10 kW
C5 > 1 µF
C6 = 50 pF
Gain = R4/R3
R5 > 10 kW
R6 > 10 kW
C7 > 0.1 µF
C8 > 1 µF
C9 = 10 pF
Gain = 1 + (R5/R6)
Analog input
Receive voice data
Transmit voice data
R1
TAUD
VDD
R2
AN2
PD
RCV2
RCV1
NC
RAUD
GND
AO3
MIC
AN3
ATTE
ATT2
ATT1
ATT0
C3
C1
C1
C2
MSM7577MS-K
+3 V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C4
–
+
AN3
MIC
AO3
C9
C7
R6
C8
R5
–
+
MIC
AN3
AO3
R4
C5
C6
R3
In the Reverse Type
In the Same Phase Type
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com