Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7577 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7577
Description  Voice Signal Level Control LSI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7577 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7577 Datasheet HTML 1Page - OKI electronic componets MSM7577 Datasheet HTML 2Page - OKI electronic componets MSM7577 Datasheet HTML 3Page - OKI electronic componets MSM7577 Datasheet HTML 4Page - OKI electronic componets MSM7577 Datasheet HTML 5Page - OKI electronic componets MSM7577 Datasheet HTML 6Page - OKI electronic componets MSM7577 Datasheet HTML 7Page - OKI electronic componets MSM7577 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MSM7577
¡ Semiconductor
2/8
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
RAUD
ATT0
ATT1
ATT2
ATTE
200 kW
AO3
AN3
MIC
200 kW
ATT0
ATT
ATT1
ATT2
ATTE
io
10 kW
56 kW
150 kW
35 kW
35 kW
RCV1
AN2
RCV2
TAUD
VDD
GND
PD
–
+
–
+
–
+
–
+
–
+
SG
SG
SG
SG
SG
SG
TAUD 1
AN2 2
PD 3
RCV2 4
RCV1 5
NC 6
RAUD 7
GND 8
15 AO3
16 VDD
14 MIC
13 AN3
12 ATTE
11 ATT2
10 ATT1
9
ATT0
16-Pin Plastic SOP
NC : No connect pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com