Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32001U7DN Datasheet(PDF) 5 Page - Nuvoton Technology Corporation

Part # N32001U7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32001U7DN Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

  N32001U7DN Datasheet HTML 1Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 2Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 3Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 4Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 5Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 6Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
N3291xUxDN Data Sheet
- 5 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
2. FEATURES
CPU
ARM926EJ-S 32-bit RISC CPU with 16KB I-Cache & 16KB D-Cache.
Frequency up to 300MHz (worse case).
JTAG interface supported for development and debugging.
Internal SRAM & ROM
8KB internal SRAM and 16KB IBR (Internal Booting ROM) supported.
IBR booting messages displayed by UART console for debugging.
Different system booting modes supported:
Memory card
SD card
SD-to-NAND flash bridge
NAND Interface
Raw NAND Flash
OTP ROM (N23512T / N231GT)
SPI Flash
USB
Memory Controller
SDRAM Interface
SDR, DDR, LPDDR & DDR2 type SDRAM supported.
Frequency up to 150MHz.
16-bit data bus width supported.
2 external SDRAM banks (2 chip select pins) supported.
Total memory size up to 256MB (128MB x 2).
EDMA (Enhanced DMA)
Totally 6 DMA channels supported
4 peripheral DMA channels for transfer between memory and on-chip peripherals,
such as ADC, UART and SPI.
Two dedicated channels for memory-to-memory transfer.
Byte, half-word and word data width types supported.
Single and burst transfer modes supported.
Block transfer supported in memory-to-memory transfer channel.
Color format transformation supported in memory-to-memory transfer channel.
Source color format could be RGB555, RGB565 and YCbCr422.
Destination color format could be RGB555, RGB565 and YCbCr422.
Auto reload supported for continuous data transfer.
Interrupt generation supported in the half-of-transfer or end-of-transfer.
Capture (CMOS Image Sensor I/F)
CCIR601 and CCIR656 interfaces supported for connection to CMOS image sensor.
Resolution up to 2M pixels.
YUV422 and RGB565 color format supported for data-in from CMOS sensor.
YUV422, RGB565, RGB555 and Y-only color format supported for data storing to system
memory.
Planar and packet data formats supported for data storing to system memory.
Image cropping supported with the cropping window up to 4096x2048.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com