Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32001U7DN Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # N32001U7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32001U7DN Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button N32001U7DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 31Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
N3291xUxDN Data Sheet
- 28 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
ICC
Core Power Supply
Current
FCPU = 300MHz,
MCLK = 150MHz,
VDD12 = 1.2V
-
TBD
-
mA
IL
Input Leakage Current
-
20
mA
IOZ
Tri-State
Output
Leakage Current
TBD
uA
RPU
Pull-Up Resistor
61
76
112
kΩ
RPD
Pull-Down Resistor
57
80
156
kΩ
VOL
Output Low Voltage
-
-
0.4
V
VOH
Output High Voltage
2.4
-
-
V
IOL
Low Level Output Current
4W I/O, VOL = 0.4V
4.2
6.5
8
mA
8W I/O, VOL = 0.4V
8.4
13.0
16.0
mA
IOH
High Level Output Current
4W I/O, VOH = 2.4V
4.7
9.6
14.9
mA
8W I/O, VOH = 2.4V
9.4
19.2
29.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com