Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32001U7DN Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # N32001U7DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32001U7DN Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button N32001U7DN Datasheet HTML 7Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 8Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 9Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 10Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 11Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32001U7DN Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
N3291xUxDN Data Sheet
- 11 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
S/W audio Library
Decoders with ADPCM / MP3 / ACC / OGG / WMA format support.
32-polyphony Wavetable MIDI synthesizer.
Programmable sampling rate and target bit rate.
USB Driver
MS (Mass Storage) Class
HID (Human Interface Device) Class
Fast Booting Time (From power-on to application running)
Within 3 seconds
Operating Voltage
I/O: 3.3V
Core: 1.2V for 300MHz.
Package
LQFP-128 (MCP, stacked with 32Mbx16 DDR2 @ 1.8V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com