Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7582 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7582 Datasheet HTML 16Page - OKI electronic componets MSM7582 Datasheet HTML 17Page - OKI electronic componets MSM7582 Datasheet HTML 18Page - OKI electronic componets MSM7582 Datasheet HTML 19Page - OKI electronic componets MSM7582 Datasheet HTML 20Page - OKI electronic componets MSM7582 Datasheet HTML 21Page - OKI electronic componets MSM7582 Datasheet HTML 22Page - OKI electronic componets MSM7582 Datasheet HTML 23Page - OKI electronic componets MSM7582 Datasheet HTML 24Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
¡ Semiconductor
MSM7582/7582B
21/24
Mode E
Mode B
Mode D
Mode G
Mode C
Mode F
PDN1 = 0
PDN2 = 0
PDN1 = 0
PDN2 = 1
PDN1 = 0
PDN2 = 1
PDN1 = 0
PDN2 = 0
PDN1 = 1
PDN2 = 1
PDN1 = 1
PDN2 = 0
1 ms
5
ms
40
ms
40
ms
5
ms
5 ms
Standby mode (PDN0 = 0)
Communication mode (PDN0 = 1)
Note: The transition time is 1
ms or
less unless otherwise stated
Mode A
PDN1 = 1
State Transition Time
Figure 10 Power-Down State Transition Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com