Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7582 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7582 Datasheet HTML 8Page - OKI electronic componets MSM7582 Datasheet HTML 9Page - OKI electronic componets MSM7582 Datasheet HTML 10Page - OKI electronic componets MSM7582 Datasheet HTML 11Page - OKI electronic componets MSM7582 Datasheet HTML 12Page - OKI electronic componets MSM7582 Datasheet HTML 13Page - OKI electronic componets MSM7582 Datasheet HTML 14Page - OKI electronic componets MSM7582 Datasheet HTML 15Page - OKI electronic componets MSM7582 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
¡ Semiconductor
MSM7582/7582B
12/24
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Digital Input Voltage
Operating Temperature
Storage Temperature
Symbol
VDD
VDIN
Top
TSTG
Condtion
—
—
—
—
Rating
0 to 5
–0.3 to VDD +0.3
–25 to +70
–55 to +150
Unit
V
V
°C
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condtion
Min.
Typ.
Max.
Unit
Power Supply Voltage
VDD
—
2.7
—
3.6
V
Input High Voltage
VIH
—VDD
V
Input Low Voltage
VIL
0—
V
Master Clock Frequency
fMCK
MHz
Clock Duty Cycle
DCCK MCK, IFCK, TXCI
40
50
60
%
IF Input Duty Cycle
DCIF
IFCK
45
50
55
%
—
19.2
—
fTXC2
MHz
—
3.84
—
TXCI (when CR0 – B6 = "1")
MCK
0.45
¥ VDD
0.16
¥ VDD
Operating Temperature Range
Ta
—
–25
—
+70
°C
All digital input pins
All digital input pins
fTXC1
kHz
—
384
—
TXCI (when CR0 – B6 = "0")
Modulator Input Frequency
fIFCK2
MHz
–50 ppm
19.1111
+50 ppm
IFCK (when IFIN = 10.75 MHz)
fIFCK1
MHz
–50 ppm
19.0222
+50 ppm
IFCK (when IFIN = 10.7 MHz)
Demodulator Input Frequency
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Power Supply Current
Output High Voltage
Output Low Voltage
Input Leakage Current
Symbol
IDD1
IDD2
IIH
IIL
Condition
Mode A, Mode B (when VDD = 3.0 V)
IOH = 0.4 mA
IOL = –1.2 mA
Min.
—
—
—
—
0.5
¥ VDD
0.0
Typ.
0.02
5.5
—
—
—
—
Max.
0.05
11.0
10
10
VDD
0.4
Unit
mA
mA
mA
mA
V
V
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
VOH
VOL
IDD3
IDD4
Mode C (when VDD = 3.0 V)
Mode D (when VDD = 3.0 V)
—
—
5.5
11.5
11.0
23.0
mA
mA
IDD5
IDD6
Mode E (when VDD = 3.0 V)
Mode F (when VDD = 3.0 V)
—
—
9.5
14.0
19.0
28.0
mA
mA
—
—
Mode G (when VDD = 3.0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com