Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7582 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7582
Description  pie/4 Shift QPSK MODEM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7582 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7582 Datasheet HTML 1Page - OKI electronic componets MSM7582 Datasheet HTML 2Page - OKI electronic componets MSM7582 Datasheet HTML 3Page - OKI electronic componets MSM7582 Datasheet HTML 4Page - OKI electronic componets MSM7582 Datasheet HTML 5Page - OKI electronic componets MSM7582 Datasheet HTML 6Page - OKI electronic componets MSM7582 Datasheet HTML 7Page - OKI electronic componets MSM7582 Datasheet HTML 8Page - OKI electronic componets MSM7582 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
IFIN
AGND
DGND
VDD
Phase Detector
Delay Detector
IFCK
MCK
X1
DEN
EXCK
DIN
DOUT
S
E
L
X2
Control
Register (CR)
To each
block
PDN0
PDN1
PDN2
AFC
DPLL
Decision
Unit
RXC
RXD
S
E
L
SLS1
SLS2
+1
-1
+1
-1
+1
I+
I–
Q+
Q–
ENV
Root Nyquist
LPF
S
E
L
S/P
MAPPING
S
E
L
APLL
TXD
TXW
TXCI
1/10
TXCO
SG
To internal SG
To each block
IFSEL0
(From CR)
IFSEL1
(From CR)
To monitor output
of each block
To modem ENV
PS/CS
RPR
RCW
AFC
TEST1, TEST0
(From CR)
To
Monitor
output of
each block
TXCSEL
(From CR)
3.84 MHz
384 kHz
Decoder
ENV D/A CONV
VREF
I ± D/A CONV
Q ± D/A CONV
To D/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com