Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U8DN Datasheet(PDF) 16 Page - Nuvoton Technology Corporation

Part # N32905U8DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U8DN Datasheet(HTML) 16 Page - Nuvoton Technology Corporation

Back Button N32905U8DN Datasheet HTML 12Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
N3291xUxDN Data Sheet
- 16 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
SPCLK
IOU
Sensor Interface Pixel Clock, Input
UHL_DM1
USB Host Like Interface, DM
SDDAT1[0]
SD Port 1 Data Bit 0
GPB[1]
GPIO Port B Bit 1
SHSYNC
IOU
Sensor Interface HSYNC, Input
I2S_MCLK
Clock to I2S Codec, Output
SDCLK1
SD Port 1 Clock, Output
GPB[2]
GPIO Port B Bit 2
SVSYNC
IOU
Sensor Interface VSYNC, Input
I2S_BCLK
I2S Interface Clock, Input
SDCMD1
SD Port 1 Command/Response
GPB[3]
GPIO Port B Bit 3
SFIELD
IOU
Sensor Interface Even/ODD Field Indicator, Input
I2S_WS
I2S Interface Word Select, Output
SDDAT1[3]
SD Port 1 Data Bit 3
GPB[4]
GPIO Port B Bit 4
SPDATA[0]
IOU
Sensor Interface Data Bit 0, Input
I2S_DOUT
I2S Interface Data Output
SDDAT1[2]
SD Port 1 Data Bit 2
GPB[5]
GPIO Port B Bit 5
SPDATA[1]
IOU
Sensor Interface Data Bit 1, Input
I2S_DIN
I2S Interface Data Input
GPB[6]
GPIO Port B Bit 6
SPDATA[2]
IOU
Sensor Interface Data Bit 2, Input
LVDATA[18]
LCD Interface Data Bit 18
GPB[7]
GPIO Port B Bit 7
SPDATA[3]
IOU
Sensor Interface Data Bit 3, Input
LVDATA[19]
LCD Interface Data Bit 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com