Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U8DN Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # N32905U8DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U8DN Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button N32905U8DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
N3291xUxDN Data Sheet
- 20 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
LVDATA[14]
IOU
LCD Interface Data Bit 14
KPI_SO[14]
KPI Scan Out Bit 14
SPDATA[6]
Sensor Interface Data Bit 6, Input
GPC[14]
GPIO Port C Bit 14
LVDATA[15]
IOU
LCD Interface Data Bit 15
KPI_SO[15]
KPI Scan Out Bit 15
SPDATA[7]
Sensor Interface Data Bit 7, Input
GPC[15]
GPIO Port C Bit 15
LVDATA[16]
IOU
LCD Interface Data Bit 16
SHSYNC
Sensor Interface HSYNC, Input
GPE[0]
GPIO Port E Bit 0
LVDATA[17]
IOU
LCD Interface Data Bit 17
SVSYNC
Sensor Interface VSYNC, Input
LVD_OUT
Low Voltage Detect Output
GPE[1]
GPIO Port E Bit 1
UART Interface
URTXD
IOU
UART TX Data, Output
SPI1_CS1_
SPI Port 1 Device Select 1, Output, Low Active
UHL_DP1
USB 1.1 Host Lite Port 1, D+
ISCK
I2C Serial Clock
GPA[10]
GPIO Port A Bit 10
URRXD
IOU
UART RX Data, Input
LMVSYNC
MPU Mode VSYNC, Output
S2FIELD
CMOS Image Sensor Field Indicator
UHL_DM1
USB 1.1 Host Lite Port 1, D-
ISDA
I2C Serial Data
GPA[11]
GPIO Port A Bit 11
SPI 0 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com