Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905U8DN Datasheet(PDF) 17 Page - Nuvoton Technology Corporation

Part # N32905U8DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905U8DN Datasheet(HTML) 17 Page - Nuvoton Technology Corporation

Back Button N32905U8DN Datasheet HTML 13Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 14Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 15Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 16Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 17Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905U8DN Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
N3291xUxDN Data Sheet
- 17 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
GPB[8]
GPIO Port B Bit 8
SPDATA[4]
IOU
Sensor Interface Data Bit 4, Input
SPI1_CLK
SPI Port 1 Clock
Output in Master Mode
Input in Slave Mode
LVDATA[20]
LCD Interface Data Bit 20
GPB[9]
GPIO Port B Bit 9
SPDATA[5]
IOU
Sensor Interface Data Bit 5, Input
SPI1_CS0_
SPI Port 1 Select 0, Low Active
Output in Master Mode
Input in Slave Mode
LVDATA[21]
LCD Interface Data Bit 21
GPB[10]
GPIO Port B Bit 10
SPDATA[6]
IOU
Sensor Interface Data Bit 6, Input
SPI1_DI
SPI Port 1 Data Input
LVDATA[22]
LCD Interface Data Bit 22
GPB[11]
GPIO Port B Bit 11
SPDATA[7]
IOU
Sensor Interface Data Bit 7, Input
SPI1_DO
SPI Port 1 Data Output
LVDATA[23]
LCD Interface Data Bit 23
GPB[12]
GPIO Port B Bit 12
I2C Interface
ISCK
IOU
I2C Interface Clock, Output
GPB[13]
GPIO Port B Bit 13
ISDA
IOU
I2C Interface Data
LMVSYNC
MPU Mode VSYNC, Output
GPB[14]
GPIO Port B Bit 14
LCD/Display Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com