Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2001CSK Datasheet(PDF) 3 Page - Sinopower Semiconductor Inc

Part # SM2001CSK
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2001CSK Datasheet(HTML) 3 Page - Sinopower Semiconductor Inc

  SM2001CSK Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.sinopowersemi.com
3
SM2001CSK
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - March, 2018
®
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Channel 1
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250mA
20
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
-
-
1
mA
TJ=85°C
-
-
30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250mA
0.5
0.7
1.0
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
-
-
±100
nA
RDS(ON) Drain-Source On-state Resistance
VGS=4.5V, IDS=9A
-
12
14
m
W
VGS=2.5V, IDS=6A
-
13.5
18
Diode Characteristics
VSD
Diode Forward Voltage
ISD=1.5A, VGS=0V
-
0.67
1.1
V
trr
Reverse Recovery Time
IDS=6A, dlSD/dt=100A/ms
-
11.8
-
ns
Qrr
Reverse Recovery Charge
-
3.6
-
nC
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
0.7
-
W
Ciss
Input Capacitance
VGS=0V,
VDS=10V,
Frequency=1.0MHz
-
795
-
pF
Coss
Output Capacitance
-
160
-
Crss
Reverse Transfer Capacitance
-
118
-
td(ON)
Turn-on Delay Time
VDD=10V, RL=10W,
IDS=1A, VGEN=4.5V,
RG=1W
-
10.2
19
ns
tr
Turn-on Rise Time
-
16.1
30
td(OFF)
Turn-off Delay Time
-
16.6
31
tf
Turn-off Fall Time
-
3.6
7
Gate Charge Characteristics
Qg
Total Gate Charge
VDS=10V, VGS=4.5V,
IDS=6A
-
8.7
-
nC
Qgs
Gate-Source Charge
-
1.25
-
Qgd
Gate-Drain Charge
-
3
-
Qgth
Threshold Gate Charge
-
0.54
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com