Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2001CSK Datasheet(PDF) 1 Page - Sinopower Semiconductor Inc

Part # SM2001CSK
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2001CSK Datasheet(HTML) 1 Page - Sinopower Semiconductor Inc

  SM2001CSK Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual Enhancement Mode MOSFET (N- and P-Channel)
www.sinopowersemi.com
1
SM2001CSK
®
SINOPOWER reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - March, 2018
Features
Applications
Pin Description
Ordering and Marking Information
·
N-Channel
20V/9.5A,
R
DS(ON) =14mW(max.) @ VGS = 4.5V
R
DS(ON) =18mW(max.) @ VGS = 2.5V
· P-Channel
-20V/-6A,
R
DS(ON) =45mW(max.) @ VGS =-4.5V
R
DS(ON) =65mW(max.) @ VGS =-2.5V
· 100% UIS + R
g Tested
· Reliable and Rugged
· Lead Free and Green Devices Available
(RoHS Compliant)
Top View of SOP
-8
S1
G1
S2
G2
D1
D1
D2
D2
Note : SINOPOWER lead-free products contain molding compounds/die attach materials and 100% matte tin plate
termination finish; which are fully compliant with RoHS. SINOPOWER lead-free products meet or exceed the lead-
free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. SINOPOWER
defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight
in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight).
·
Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems.
N-Channel MOSFET
P-Channel MOSFET
D2
(5)
G2
S2
D2
(6)
(4)
(3)
G1
S1
D1 D1
(8) (7)
(2)
(1)
SM2001CS
Handling Code
Temperature Range
Package Code
Package Code
K : SOP-8
Operating Junction Temperature Range
C : -55 to 150 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
SM2001CS K :
XXXXX - Lot Code
Assembly Material
2001
XXXXX


Similar Part No. - SM2001CSK

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SM2001CSK DOINGTER-SM2001CSK Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET uses advanced trench technology
More results

Similar Description - SM2001CSK

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com