Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2001CSK Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM2001CSK
Description  Dual Enhancement Mode MOSFET (N- and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2001CSK Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM2001CSK Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2001CSK Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.sinopowersemi.com
2
SM2001CSK
Copyright ã Sinopower Semiconductor, Inc.
Rev. A.4 - March, 2018
®
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Channel 1
Channel 2
Unit
Common Ratings (TA=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
20
-20
VGSS
Gate-Source Voltage
±12
±12
V
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
IS
Diode Continuous Forward Current
TA=25°C
1.8
-1.2
ID
Continuous Drain Current
TA=25°C
9.5
-6
IDM
a
Pulsed Drain Current
TA=25°C
30
-20
A
TA=25°C
2
2
PD
Power Dissipation
TA=70°C
1.3
1.3
W
t
£ 10s
45
45
RqJA
Thermal Resistance-Junction to Ambient
Steady State
62.5
62.5
RqJL
Thermal Resistance-Junction to Lead
Steady State
20
20
°C/W
IAS
b
Avalanche Current, Single pulse (L=0.1mH)
16
-15
A
EAS
b
Avalanche Energy, Single pulse (L=0.1mH)
12
11
mJ
Note a:Pulse width limited by max. junction temperature.
Note b:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com