Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5305VT Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5305VT
Description  12V Synchronous Buck controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5305VT Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5305VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2013/7/11
A.2
4
EM5305
Absolute Maximum Ratings (Note1)
Supply voltage, VCC----------------------------------------------------------
-0.3V to 16V
PHASE to GND
DC-------------------------------------------------------------------------------
-5V to 16V
<200ns-------------------------------------------------------------------------
-10V to 30V
BOOT to PHASE---------------------------------------------------------------
16V
BOOT to GND
DC------------------------------------------------------------------------------
-0.3V to PHASE+16V
<200ns------------------------------------------------------------------------
-0.3V to 40V
UGATE
DC -----------------------------------------------------------------------------
VPHASE -0.3V to VBOOT + 0.3V
<200ns-------------------------------------------------------------------------
VPHASE -5V to VBOOT +5V
LGATE
DC-------------------------------------------------------------------------------
-0.3V to VCC + 0.3V
<200ns-------------------------------------------------------------------------
-5V to VCC+5V
COMP/SD# & FB & OFS & REFOUT & POK------------------------------
-0.3V to 7V
Power Dissipation, PD @ TA = 25
℃, DFN3x3-10L-------------------
1.67W
Package Thermal Resistance, ΘJA, DFN3x3-10L (Note 2)------------
60
/W
℃
Junction Temperature-------------------------------------------------------
150
℃
Lead Temperature (Soldering, 10 sec.)----------------------------------
260
℃
Storage Temperature Range-----------------------------------------------
-65
to 150
℃
℃
ESD susceptibility (Note3)
HBM (Human Body Mode)------------------------------------------------
2KV
MM (Machine Mode)-------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Supply voltage, VCC--------------------------------------------------------------
4.5V to 13.2V
Junction Temperature Range--------------------------------------------------
−40°C to 125°C
Ambient Temperature Range---------------------------------------------------
−40°C to 85°C
Electrical Characteristics
VCC=12V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Input Section
Supply Voltage
VCC
4.5
13.2
V
Supply Current
ICC
LGATE, UGATE open, Switching.
1.5
mA
Shutdown Current
0.4
mA
Power on Reset Threshold
VCCRTH
3.8
4.05
4.3
V
Power on Reset Hysteresis
VCCHYS
0.3
0.45
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com