Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5305VT Datasheet(PDF) 9 Page - Excelliance MOS Corp.

Part # EM5305VT
Description  12V Synchronous Buck controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5305VT Datasheet(HTML) 9 Page - Excelliance MOS Corp.

Back Button EM5305VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 9Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 10Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 11Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 12Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2013/7/11
A.2
9
EM5305
Functional Description
EM5305 is a voltage mode synchronous buck PWM
controller.
This
device
provides
complete
protection function such as over current protection,
under
voltage
protection
and
over
voltage
protection.
Supply Voltage
The VCC pin provides the bias supply of EM5305
control circuit, as well as lower MOSFET’s gate and
the BOOT voltage for the upper MOSFET’s gate. A
minimum 0.1uF ceramic capacitor is recommended
to bypass the supply voltage.
Power ON Reset
To let EM5305 start to operation, VCC voltage must
be higher than its POR voltage even when the
COMP/SD# voltage is pulled higher than enable
high voltage. Typical POR voltage is 4.05V.
Shutdown
The COMP/SD# pin can be used to enable or
disable EM5305. Pull down COMP/SD# pin below
0.4V can disable the controller.
Soft Start
EM5305 provides soft start function internally. The
FB voltage will track the internal soft start signal,
which ramps up from zero during soft start period.
OCP, Over Current Protection
The over current function protects the converter
from a shorted output by using lower MOSFET’s
on-resistance to monitor the current. The OCP level
can be calculated as the following equation:
DS(ON)
OCSET
OCSET
OCP
R
R
I
I
•
=
When OCP is triggered, EM5305 will shut down the
converter and cycles the soft start function in a
hiccup mode. If over current condition still exist
after 3 times of hiccup, EM5305 will shut down the
controller and latch.
UVP, Under Voltage Protection
The FB voltage is monitored for under voltage
protection. The UVP threshold is typical 60% VOFS.
When UVP is triggered, EM5305 will shut down the
converter and cycles the soft start function in a
hiccup mode.
OVP, Over Voltage Protection
The FB voltage is monitored for over voltage
protection. The OVP threshold is typical 130% VOFS.
When OVP is triggered, EM5305 will turn off upper
MOSFET and turn on lower MOSFET.
REFOUT and OFS
The REFOUT pin provides the 0.8V voltage output
with 5mA sourcing/sinking capability. The OFS pin
is high impedance input and receives a voltage
range from 0.4V to 3V as the reference voltage.
Connecting a resistor between REFOUT pin and
OFS pin can provide 0.8V as the reference input. By
sourcing or sinking OFS pin through the resistor can
adjust the input reference. Show as Fig.1
Source/sink
control
OFS
FB
6
9
GM
REFOUT
10
0.8V
Fig.1
REFOUT and OFS application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com