Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5305VT Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5305VT
Description  12V Synchronous Buck controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5305VT Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5305VT Datasheet HTML 1Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 2Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 3Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 4Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 5Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 6Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 7Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 8Page - Excelliance MOS Corp. EM5305VT Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2013/7/11
A.2
1
EM5305
12V Synchronous Buck controller
General Description
The EM5305 series are compact synchronous
-rectified buck controllers specifically designed to
operate from 5V or 12V supply voltage. The output
voltage is tightly regulated to
the external
reference voltage from 0.4V to 3.0V. These devices
operate at fixed 300 kHz frequency and provide an
optimal level of integration to redwuce size and
cost of the power supply.
The controllers integrate internal MOSFET drivers
that support 12V+12V bootstrapped voltage for
high efficiency power conversion. The bootstrap
diode is built-in to simplify the circuit design and
minimize external part count.
Other
features
include
internal
soft-start,
under-voltage protection, over-voltage protection,
over-current protection and shutdown function.
With
aforementioned
functions,
these
parts
provide customers a compact, high efficiency,
well-protected and cost-effective solutions. These
parts are available in DFN3x3-10L package.
Ordering Information
Part Number
Package
Remark
EM5305VT
DFN3x3-10L
Lead-Free
Applications
Power Supplies for Microprocessors or
Subsystem Power Supplies
Cable Modems, Set Top Boxes, and xDSL
Modems
5V or 12V Input DC-DC Regulators
Graphics Cards
Features
Tracking mode
300 kHz fixed frequency operation.
Voltage mode PWM control with external
compensation (GM)
Internal soft start
Integrated bootstrap diode
Low side MOS OC protection
OUT UV protection
OUT OV protection
Power Good Indicator
0.8V Reference Output
Pin Configuration
Typical Application Circuit
VCC
1
BOOT
UGATE
PHASE
LGATE
VIN
+3.3V +5V +12V
+5V to +12V
GND
2
3
4
8
5
7
6
COMP/
SD#
FB
Option
POK
Enable
Disable
9
OFS
REFOUT
10
RS
CS
1. 1/(2
×π
π
π
π×RS×CS)≦
≦
≦
≦30KHz


Similar Part No. - EM5305VT

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301AGE EXCELLIANCE-EM5301AGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301BGE EXCELLIANCE-EM5301BGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301CGE EXCELLIANCE-EM5301CGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301DGE EXCELLIANCE-EM5301DGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
More results

Similar Description - EM5305VT

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com